Electronic Components Datasheet Search
  English  ▼

X  

RC32012A Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RC32012A
Description  FemtoClock Jitter Attenuator and Clock Generator
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32012A Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RC32012A Datasheet HTML 14Page - Renesas Technology Corp RC32012A Datasheet HTML 15Page - Renesas Technology Corp RC32012A Datasheet HTML 16Page - Renesas Technology Corp RC32012A Datasheet HTML 17Page - Renesas Technology Corp RC32012A Datasheet HTML 18Page - Renesas Technology Corp RC32012A Datasheet HTML 19Page - Renesas Technology Corp RC32012A Datasheet HTML 20Page - Renesas Technology Corp RC32012A Datasheet HTML 21Page - Renesas Technology Corp RC32012A Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
R31DS0078EU0103 Rev.1.03
Page 18
Sep 15, 2022
RC32012A Datasheet
Table 13. Differential Output DC Characteristics (VDDO_Qx = 2.5V +5%, VSS = 0V, TA = -40°C to 85°C)[1][2][3][4]
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VOVS[5]
Output
Voltage Swing
Output Q[1]
SWING = 00[6]
295
393
448
mV
SWING = 01
457
591
677
SWING = 10
587
761
881
SWING = 11
733
835
943
VCMR[7]
Output
Common
Mode Voltage
Output Q[1]
CENTER = 000[8]
0.85
0.93
1.03
V
CENTER = 001
0.94
1.10
1.23
CENTER = 010
1.09
1.28
1.44
CENTER = 011
1.24
1.46
1.65
CENTER = 100
1.39
1.65
1.86
CENTER = 101
Not Supported
CENTER = 110
CENTER = 111
1. For information on the signals referenced by this abbreviation, see Table 3.
2. Terminated with 100Ω across Qx and nQx.
3. If LVDS operation is desired, select SWING = 00 and CENTER = 001 or 010.
4. If LVPECL operation is desired, select SWING = 10 and CENTER = 001 or 010 for 2.5V LVPECL operation. For VDDO = 2.5V, 3.3V
LVPECL levels cannot be generated.
5. VOVS is the single-ended amplitude of the output signal. The differential specs is 2 * VOVS.
6. Refers to the differential voltage swing setting programed into device registers for each output.
7. Not all VCMR selections can be supported with particular VDDO_Qx and VOVS settings.
8. Refers to the differential voltage crossing point (center voltage) setting programed into device registers for each output.
Table 14. Differential Output DC Characteristics (VDDO_Qx = 1.8V +5%, VSS = 0V, TA = -40°C to 85°C)[1][2][3]
1. For information on the signals referenced by this abbreviation, see Table 3.
2. Terminated with 100Ω across Qx and nQx.
3. If LVDS operation is desired, select SWING = 00 and CENTER = 010.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VOVS[4]
4. VOVS is the single-ended amplitude of the output signal. The differential specs is 2 * VOVS.
Output
Voltage Swing
Output Q[1]
SWING = 00[5]
299
411
485
mV
SWING = 01
470
586
700
SWING = 10
582
713
852
SWING = 11
612
750
899
VCMR[6]
Output
Common
Mode Voltage
Output Q[1]
CENTER = 000[7]
0.84
0.91
0.99
V
CENTER = 001
0.91
1.05
1.18
CENTER = 010
1.05
1.21
1.36
CENTER = 011
Not Supported
CENTER = 100
CENTER = 101
CENTER = 110
CENTER = 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com