Electronic Components Datasheet Search
  English  ▼

X  

ADG658 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG658
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG658 Datasheet HTML 6Page - Analog Devices ADG658 Datasheet HTML 7Page - Analog Devices ADG658 Datasheet HTML 8Page - Analog Devices ADG658 Datasheet HTML 9Page - Analog Devices ADG658 Datasheet HTML 10Page - Analog Devices ADG658 Datasheet HTML 11Page - Analog Devices ADG658 Datasheet HTML 12Page - Analog Devices ADG658 Datasheet HTML 13Page - Analog Devices ADG658 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG658/ADG659
Rev. A | Page 10 of 20
Table 5. ADG658 Truth Table
A2
A1
A0
EN
Switch Condition
X1
X
X
1
NONE
0
0
0
0
1
0
0
1
0
2
0
1
0
0
3
0
1
1
0
4
1
0
0
0
5
1
0
1
0
6
1
1
0
0
7
1
1
1
0
8
1 X = Don’t Care
Table 6. ADG659 Truth Table
A1
A0
EN
On Switch Pair
X1
X
1
NONE
0
0
0
1
0
1
0
2
1
0
0
3
1
1
0
4
1 X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com