Electronic Components Datasheet Search
  English  ▼

X  

ADG658 Datasheet(PDF) 18 Page - Analog Devices

Part # ADG658
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADG658 Datasheet HTML 12Page - Analog Devices ADG658 Datasheet HTML 13Page - Analog Devices ADG658 Datasheet HTML 14Page - Analog Devices ADG658 Datasheet HTML 15Page - Analog Devices ADG658 Datasheet HTML 16Page - Analog Devices ADG658 Datasheet HTML 17Page - Analog Devices ADG658 Datasheet HTML 18Page - Analog Devices ADG658 Datasheet HTML 19Page - Analog Devices ADG658 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADG658/ADG659
Rev. A | Page 18 of 20
VDD
VSS
A2
A1
A0
GND
S
D
50
Ω
VOUT
VS
LOGIC 1
VDD
VSS
0.1
µ F
0.1
µ F
NETWORK
ANALYZER
50
Ω
RL
50
Ω
OFF ISOLATION = 20 LOG
VOUT
VS
EN
Figure 29. Test Circuit 9. Off Isolation
VDD
VSS
A2
A1
A0
GND
S
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
RL
50
Ω
VOUT
50
Ω
VS
VDD
VSS
0.1
µF0.1µF
EN
Figure 30. Test Circuit 10. Bandwidth
VDD
VSS
A0
A1
GND
S1A
DA
0.1
µ F
VOUT
DB
DA
50
Ω
VS
ADG659
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
VOUT
VS
VDD
VSS
0.1
µ F
RL
50
Ω
NETWORK
ANALYZER
NETWORK
ANALYZER
50
Ω
DB
S1B
EN
Figure 31. Test Circuit 11. Channel-to-Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com