Electronic Components Datasheet Search
  English  ▼

X  

ADG658 Datasheet(PDF) 20 Page - Analog Devices

Part # ADG658
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADG658 Datasheet HTML 12Page - Analog Devices ADG658 Datasheet HTML 13Page - Analog Devices ADG658 Datasheet HTML 14Page - Analog Devices ADG658 Datasheet HTML 15Page - Analog Devices ADG658 Datasheet HTML 16Page - Analog Devices ADG658 Datasheet HTML 17Page - Analog Devices ADG658 Datasheet HTML 18Page - Analog Devices ADG658 Datasheet HTML 19Page - Analog Devices ADG658 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADG658/ADG659
Rev. A | Page 20 of 20
16
9
8
1
PIN 1
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
8°
0°
COPLANARITY
0.004
0.065
0.049
0.069
0.053
0.154
BSC
0.236
BSC
COMPLIANT TO JEDEC STANDARDS MO-137AB
0.193
BSC
Figure 34. 16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG658YRU
−40°C to +125°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG658YRU-REEL7
−40°C to +125°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG658YCP
−40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-16
ADG658YCP-REEL7
−40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-16
ADG658YRQ
−40°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG658YRQ-REEL
−40°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG658YRQ-REEL7
−40°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG659YRU
−40°C to +125°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG659YRU-REEL7
−40°C to +125°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG659YCP
−40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-16
ADG659YCP-REEL7
−40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-16
ADG659YCPZ1
−40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-16
ADG659YCPZ-REEL71
−40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-16
ADG659YRQ
−40°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG659YRQ-REEL
−40°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG659YRQ-REEL7
−40°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
1 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03273-0-7/04(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com