Electronic Components Datasheet Search
  English  ▼

X  

ADG658 Datasheet(PDF) 15 Page - Analog Devices

Part # ADG658
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG658 Datasheet HTML 11Page - Analog Devices ADG658 Datasheet HTML 12Page - Analog Devices ADG658 Datasheet HTML 13Page - Analog Devices ADG658 Datasheet HTML 14Page - Analog Devices ADG658 Datasheet HTML 15Page - Analog Devices ADG658 Datasheet HTML 16Page - Analog Devices ADG658 Datasheet HTML 17Page - Analog Devices ADG658 Datasheet HTML 18Page - Analog Devices ADG658 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADG658/ADG659
Rev. A | Page 15 of 20
100k
1M
10M
100M
–40
–80
–120
0
–60
–100
–20
FREQUENCY (Hz)
VDD = +5V
VSS = –5V
TA = 25°C
Figure 16. OFF Isolation vs. Frequency
–30
–70
–110
0
–50
–90
–130
100k
1M
10M
100M
–40
–80
–120
–10
–60
–100
–20
FREQUENCY (Hz)
VDD = –5V
VSS = +5V
TA = 25°C
Figure 17. Crosstalk vs. Frequency
100
20
50
100
FREQUENCY (Hz)
200
500
1k
5k
10k
20k
10
1
0.1
0.01
2k
600
Ω
IN AND OUT
VDD = +5V
VSS = –5V
TA = 25°C
Figure 18. THD + Noise
100
1
0.01
10000
10
0.1
1000
010
12
VDD = 12V
VDD = 5V
VDD = 3V
V(EN) (V)
VSS = 0V
246
8
Figure 19. VDD Current vs. Logic Level
0
2.5
2.0
1.5
1.0
3.0
0
0.5
VDD (V)
12
246
8
10
Figure 20. Logic Threshold Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com