Electronic Components Datasheet Search
  English  ▼

X  

ADG658 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG658
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG658 Datasheet HTML 8Page - Analog Devices ADG658 Datasheet HTML 9Page - Analog Devices ADG658 Datasheet HTML 10Page - Analog Devices ADG658 Datasheet HTML 11Page - Analog Devices ADG658 Datasheet HTML 12Page - Analog Devices ADG658 Datasheet HTML 13Page - Analog Devices ADG658 Datasheet HTML 14Page - Analog Devices ADG658 Datasheet HTML 15Page - Analog Devices ADG658 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADG658/ADG659
Rev. A | Page 12 of 20
Parameter
Description
CD, CS (ON)
ON Switch Capacitance. Measured with reference to ground.
CIN
Digital Input Capacitance.
tON
Delay between Applying the Digital Control Input and the Output Switching ON. See Test Circuit 7.
tOFF
Delay between Applying the Digital Control Input and the Output Switching OFF.
tBBM
ON Time. Measured between 80% points of both switches when switching from one address state to another.
Charge
Injection
Measure of the Glitch Impulse Transferred from the Digital Input to the Analog Output during Switching.
Off Isolation
Measure of Unwanted Signal Coupling through an OFF Switch.
Crosstalk
Measure of Unwanted Signal Coupled through from One Channel to Another as a Result of Parasitic Capacitance.
Bandwidth
The Frequency at which the Output is Attenuated by 3 dB.
On Response
The Frequency Response of the ON Switch.
Insertion Loss
The Loss Due to the ON Resistance of the Switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com