Electronic Components Datasheet Search
  English  ▼

X  

ICS843156 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS843156
Description  Crystal-to-LVPECL Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843156 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS843156 Datasheet HTML 1Page - Renesas Technology Corp ICS843156 Datasheet HTML 2Page - Renesas Technology Corp ICS843156 Datasheet HTML 3Page - Renesas Technology Corp ICS843156 Datasheet HTML 4Page - Renesas Technology Corp ICS843156 Datasheet HTML 5Page - Renesas Technology Corp ICS843156 Datasheet HTML 6Page - Renesas Technology Corp ICS843156 Datasheet HTML 7Page - Renesas Technology Corp ICS843156 Datasheet HTML 8Page - Renesas Technology Corp ICS843156 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ICS843156AK REVISION B May 26, 2016
3
©2016 Integrated Device Technology, Inc.
ICS843156 Data Sheet
CRYSTAL-TO-LVPECL CLOCK SYNTHESIZER
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4B. Power Supply DC Characteristics, VCC = VCCO = 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4C. Power Supply DC Characteristics, VCC = 3.3V ± 5%, VCCO = 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to VCC
-0.5V to VCC + 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
37
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
VCC – 0.33
3.3
VCC
V
VCCO
Output Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
179
mA
ICCA
Analog Supply Current
33
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
2.375
2.5
2.625
V
VCCA
Analog Supply Voltage
VCC – 0.23
2.5
VCC
V
VCCO
Output Supply Voltage
2.375
2.5
2.625
V
IEE
Power Supply Current
168
mA
ICCA
Analog Supply Current
23
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
VCC – 0.33
3.3
VCC
V
VCCO
Output Supply Voltage
2.375
2.5
2.625
V
IEE
Power Supply Current
164
mA
ICCA
Analog Supply Current
33
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com