Electronic Components Datasheet Search
  English  ▼

X  

ICS843156 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS843156
Description  Crystal-to-LVPECL Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843156 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS843156 Datasheet HTML 1Page - Renesas Technology Corp ICS843156 Datasheet HTML 2Page - Renesas Technology Corp ICS843156 Datasheet HTML 3Page - Renesas Technology Corp ICS843156 Datasheet HTML 4Page - Renesas Technology Corp ICS843156 Datasheet HTML 5Page - Renesas Technology Corp ICS843156 Datasheet HTML 6Page - Renesas Technology Corp ICS843156 Datasheet HTML 7Page - Renesas Technology Corp ICS843156 Datasheet HTML 8Page - Renesas Technology Corp ICS843156 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ICS843156AK REVISION B May 26, 2016
5
©2016 Integrated Device Technology, Inc.
ICS843156 Data Sheet
CRYSTAL-TO-LVPECL CLOCK SYNTHESIZER
AC Electrical Characteristics
Table 6A. AC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: This parameter is defined in accordance with JEDEC standard 65.
NOTE 2: Refer to phase noise plot.
Table 6B. AC Characteristics, VCC = VCCO = 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: This parameter is defined in accordance with JEDEC standard 65.
Table 6C. AC Characteristics, VCC = 3.3V ± 5%, VCCO = 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: This parameter is defined in accordance with JEDEC standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
156.25
MHz
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
40
ps
tjit(Ø)
RMS Phase Jitter, (Random);
NOTE 2
156.25MHz, Integration Range:
1.875MHz - 20MHz
0.39
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
45
55
%
tLOCK
PLL Lock Time
100
ms
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
156.25
MHz
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
35
ps
tjit(Ø)
RMS Phase Jitter, (Random)
156.25MHz, Integration Range:
1.875MHz - 20MHz
0.49
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
45
55
%
tLOCK
PLL Lock Time
100
ms
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
156.25
MHz
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
40
ps
tjit(Ø)
RMS Phase Jitter, (Random)
156.25MHz, Integration Range:
1.875MHz - 20MHz
0.40
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
700
ps
odc
Output Duty Cycle
45
55
%
tLOCK
PLL Lock Time
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com