Electronic Components Datasheet Search
  English  ▼

X  

ICS843156 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS843156
Description  Crystal-to-LVPECL Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843156 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS843156 Datasheet HTML 1Page - Renesas Technology Corp ICS843156 Datasheet HTML 2Page - Renesas Technology Corp ICS843156 Datasheet HTML 3Page - Renesas Technology Corp ICS843156 Datasheet HTML 4Page - Renesas Technology Corp ICS843156 Datasheet HTML 5Page - Renesas Technology Corp ICS843156 Datasheet HTML 6Page - Renesas Technology Corp ICS843156 Datasheet HTML 7Page - Renesas Technology Corp ICS843156 Datasheet HTML 8Page - Renesas Technology Corp ICS843156 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ICS843156AK REVISION B May 26, 2016
4
©2016 Integrated Device Technology, Inc.
ICS843156 Data Sheet
CRYSTAL-TO-LVPECL CLOCK SYNTHESIZER
Table 4D. LVCMOS/LVTTL DC Characteristics, TA = 0°C to 70°C
Table 4E. LVPECL DC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4F. LVPECL DC Characteristics, VCC = 3.3V ± 5% or 2.5V ± 5%, VCCO = 2.5V ± 5%,VEE = 0V, TA = 0°C to 70°C
Table 5. Crystal Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.3V
2
VCC + 0.3
V
VCC = 2.5V
1.7
VCC + 0.3
V
VIL
Input Low Voltage
VCC = 3.3V
-0.3
0.8
V
VCC = 2.5V
-0.3
0.7
V
IIH
Input High Current
BYPASS,
TEST_CLK
VCC = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
BYPASS,
TEST_CLK
VCC = 3.465V or 2.625V, VIN = 0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage
VCCO - 1.4
VCCO - 0.9
V
VOL
Output Low Voltage
VCCO - 2.0
VCCO - 1.7
V
VSWING
Peak-to-Peak Output
Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage
VCC – 2.0
VCC – 1.5
V
VSWING
Peak-to-Peak Output
Voltage Swing
0.4
1.0
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com