Electronic Components Datasheet Search
  English  ▼

X  

ICS843156 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS843156
Description  Crystal-to-LVPECL Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843156 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS843156 Datasheet HTML 3Page - Renesas Technology Corp ICS843156 Datasheet HTML 4Page - Renesas Technology Corp ICS843156 Datasheet HTML 5Page - Renesas Technology Corp ICS843156 Datasheet HTML 6Page - Renesas Technology Corp ICS843156 Datasheet HTML 7Page - Renesas Technology Corp ICS843156 Datasheet HTML 8Page - Renesas Technology Corp ICS843156 Datasheet HTML 9Page - Renesas Technology Corp ICS843156 Datasheet HTML 10Page - Renesas Technology Corp ICS843156 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ICS843156AK REVISION B May 26, 2016
7
©2016 Integrated Device Technology, Inc.
ICS843156 Data Sheet
CRYSTAL-TO-LVPECL CLOCK SYNTHESIZER
Parameter Measurement Information
3.3V Core/ 3.3V LVPECL Output Load Test Circuit
2.5V Core/ 2.5V LVPECL Output Load Test Circuit
Cycle-to-Cycle Jitter
3.3V Core/ 2.5V LVPECL Output Load Test Circuit
RMS Phase Jitter
Output Duty Cycle/Pulse Width/Period
VCC,
VCCA
2V
-1.3V±0.165V
VCCO
2V
VCC,
VCCA
2V
-0.5V±0.125V
VCCO
2V
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
nQAx,
nQBx,
nQCx
QAx,
QBx,
QCx
SCOPE
Qx
nQx
V
EE
VCC
VCCA
2.8V±0.04V
-0.5V±0.125V
VCCO
2V
2.8V±0.04V
nQAx, nQBx, nQCx
QAx, QBx, QCx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com