Electronic Components Datasheet Search
  English  ▼

X  

INA234 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA234
Description  INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA234 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA234 Datasheet HTML 11Page - Texas Instruments INA234 Datasheet HTML 12Page - Texas Instruments INA234 Datasheet HTML 13Page - Texas Instruments INA234 Datasheet HTML 14Page - Texas Instruments INA234 Datasheet HTML 15Page - Texas Instruments INA234 Datasheet HTML 16Page - Texas Instruments INA234 Datasheet HTML 17Page - Texas Instruments INA234 Datasheet HTML 18Page - Texas Instruments INA234 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
conversions. The CVRF bit is set after all conversions, averaging, and multiplication operations are complete for
a single cycle.
The CVRF bit clears under these conditions:
1. Writing to the Configuration register, except when configuring the MODE bits for power-down mode; or
2. Reading the Mask/Enable register.
7.4.2 Device Shutdown
In addition to the two operating modes (continuous and triggered), the INA234 also has a power-down mode
that reduces the quiescent current and input bias current. The power-down mode reduces supply drain when
the device is not being used. Full recovery from power-down mode requires 100 µs. The device remains in
power-down mode until one of the active modes settings are written into the Configuration register.
7.4.3 Power-On Reset
Power-on reset (POR) is asserted when VS drops below 0.95 V (typical) at which all of the registers are reset
to their default values. The default power-up register values are shown in the reset column for each register
description. Table 7-2 provides links to the register descriptions.
7.4.4 Averaging and Conversion Time Considerations
The INA234 has programmable conversion times for both the shunt voltage and bus voltage measurements. The
conversion times for these measurements can be selected from as fast as 140 μs to as long as 8.244 ms. The
conversion time settings, along with the programmable averaging mode, allow the INA234 to be configured to
optimize the available timing requirements in a given application. For example, if a system requires that data
be read every 5 ms, the INA234 can be configured with the conversion times set to 588 μs and the averaging
mode set to 4. This configuration results in the data updating approximately every 4.7 ms. The INA234 can also
be configured with a different conversion time setting for the shunt and bus voltage measurements. This type of
approach is common in applications where the bus voltage tends to be relatively stable. This situation allows for
the time spent measuring the bus voltage to be reduced relative to the shunt voltage measurement. The shunt
voltage conversion time can be set to 4.156 ms with the bus voltage conversion time set to 588 μs, and the
averaging mode set to 1. This configuration also results in data updating approximately every 4.7 ms.
There are trade-offs associated with the conversion time settings and the averaging mode used. The averaging
feature can significantly improve the measurement accuracy by effectively filtering the signal. This approach
allows the INA234 to reduce noise in the measurement that may be caused by noise coupling into the signal.
A greater number of averages enables the INA234 to be more effective in reducing the noise component of the
measurement.
The conversion times selected can also have an effect on the measurement accuracy. Figure 7-2 shows
multiple conversion times to illustrate the effect of noise on the measurement. To achieve the highest accuracy
measurement possible, use a combination of the longest allowable conversion times and highest number of
averages, based on the timing requirements of the system.
www.ti.com
INA234
SBOS844C – MAY 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com