Electronic Components Datasheet Search
  English  ▼

X  

INA234 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA234
Description  INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA234 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA234 Datasheet HTML 16Page - Texas Instruments INA234 Datasheet HTML 17Page - Texas Instruments INA234 Datasheet HTML 18Page - Texas Instruments INA234 Datasheet HTML 19Page - Texas Instruments INA234 Datasheet HTML 20Page - Texas Instruments INA234 Datasheet HTML 21Page - Texas Instruments INA234 Datasheet HTML 22Page - Texas Instruments INA234 Datasheet HTML 23Page - Texas Instruments INA234 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Table 7-4. Configuration Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
11-9
AVG
R/W
000b
Sets the number of ADC conversion results to be averaged. The read-
back registers are updated after averaging is completed.
000b = 1
001b = 4
010b = 16
011b = 64
100b = 128
101b = 256
110b = 512
111b = 1024
8-6
VBUSCT
R/W
100b
Sets the conversion time of the VBUS measurement
000b = 140 µs
001b = 204 µs
010b = 332 µs
011b = 588 µs
100b = 1100 µs
101b = 2116 µs
110b = 4156 µs
111b = 8244 µs
5-3
VSHCT
R/W
100b
Sets the conversion time of the SHUNT measurement
000b = 140 µs
001b = 204 µs
010b = 332 µs
011b = 588 µs
100b = 1100 µs
101b = 2116 µs
110b = 4156 µs
111b = 8244 µs
2-0
MODE
R/W
111b
Operating mode, modes can be selected to operate the device either in
Shutdown mode, continuous mode or triggered mode.
The mode also allows user to select mux settings to set continuous or
triggered mode on bus voltage, shunt voltage measurement.
000b = Shutdown
001b = Shunt Voltage triggered, single shot
010b = Bus Voltage triggered, single shot
011b = Shunt voltage and Bus voltage triggered, single shot
100b = Shutdown
101b = Continuous Shunt voltage
110b = Continuous Bus voltage
111b = Continuous Shunt and Bus voltage
Return to the Summary Table.
7.6.1.2 Shunt Voltage Register (Address = 1h) [reset = 0000h]
The Shunt Voltage Register stores the current shunt voltage reading, VSHUNT and is show in Table 7-5. Negative
numbers are represented in two's complement format. Generate the two's complement of a negative number by
complementing the absolute value binary number and adding 1. An MSB = '1' denotes a negative number.
Example: For a value of VSHUNT = –80 mV:
1. Take the absolute value: 80 mV
2. Translate this number to a whole decimal number (80 mV ÷ 2.5 µV) = 32000
3. Convert this number to binary = 0111 1101 0000 0000
4. Complement the binary result = 1000 0010 1111 1111
INA234
SBOS844C – MAY 2021 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com