Electronic Components Datasheet Search
  English  ▼

X  

INA234 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA234
Description  INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA234 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA234 Datasheet HTML 26Page - Texas Instruments INA234 Datasheet HTML 27Page - Texas Instruments INA234 Datasheet HTML 28Page - Texas Instruments INA234 Datasheet HTML 29Page - Texas Instruments INA234 Datasheet HTML 30Page - Texas Instruments INA234 Datasheet HTML 31Page - Texas Instruments INA234 Datasheet HTML 32Page - Texas Instruments INA234 Datasheet HTML 33Page - Texas Instruments INA234 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Table 8-3 lists the design requirements for the circuit shown in Figure 8-2.
Table 8-3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
3.3 V
Bus supply rail (VCM)
12 V
Average Current
6 A
Overcurrent fault threshold
9 A
Maximum current monitored (IMAX)
10 A
ADC Range Selection (VSENSE_MAX)
±81.92 mV
8.2.2 Detailed Design Procedure
This design example walks through the process of selecting the shunt resistor, programming the calibration
register, setting the correct fault thresholds, and how to properly scale returned values from the device.
8.2.2.1 Select the Shunt Resistor
Using values from Table 8-3, the maximum value of the shunt resistor is calculated based on the value of
the maximum current to be sensed (IMAX) and the maximum allowable sense voltage (VSENSE_MAX) for the
chosen ADC range. When operating at the maximum current, the differential input voltage must not exceed the
maximum full scale range of the device, VSENSE_MAX. Using Equation 5 for the given design parameters, the
maximum value for RSHUNT is calculated to be 8.192 mΩ. The closest standard resistor value that is smaller than
the maximum calculated value is 8.0 mΩ. Smaller resistors can be used to minimize power loss at the expense
of reduced accuracy. The shunt resistor selected must have sufficient wattage to handle the power dissipation at
maximum load at the desired operating temperature.
RSHUNT <
VSENSE_MAX
IMAX
(5)
8.2.2.2 Configure the Device
The first step to program the INA234 is to properly set the device Configuration register (0h). On initial power up,
the configuration register is set to the reset values (see Table 7-4). In the default power on state the device is set
to measured on the ±81.92 mV range with the ADC continuously converting the shunt and bus (voltage at IN–)
voltages. If the default power up conditions do not meet the design requirements, these registers will need to be
set properly after each VS power cycle event.
8.2.2.3 Program the Shunt Calibration Register
The shunt calibration register needs to be correctly programmed at each VS power up in order for the device to
properly report any result based on current. The first step is to calculate the minimum LSB value for the current
by using Equation 2. Applying this equation with the maximum expected current of 10 A results in an minimum
LSB size of 4.8828125 mA. The INA234 allows selection of the CURRENT_LSB to be up to 8 x larger than the
minimum LSB size. For this example a value of 5 mA is used. Applying Equation 1 to the Current_LSB and
selected value for the shunt resistor results in a shunt calibration register setting of 2048d (800h). Failure to set
the value of the shunt calibration register will result in a zero value for any result based on current. Programming
this register is not required for reading shunt voltage, bus voltage, or setting alert limits.
8.2.2.4 Set Desired Fault Thresholds
The INA234 has the ability to assert the Alert pin on several different fault conditions as described in ALERT
Pin. The desired fault condition to assert the Alert pin needs to be selected by appropriately programming the
Mask/Enable Register (6h). Fault thresholds are set by programming the desired trip threshold into the Alert
Limit Register (7h).
For example, an overcurrent fault condition would be selected by setting the SOL bit in the Mask/Enable
Register to 1. The desired threshold for the over current condition would have to be programmed in the Alert
Limit Register. In this example, the over current threshold is 9.0 A and the value of the current sense resistor is
INA234
SBOS844C – MAY 2021 – REVISED MARCH 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com