Electronic Components Datasheet Search
  English  ▼

X  

INA236 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA236
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236 Datasheet(HTML) 5 Page - Texas Instruments

  INA236 Datasheet HTML 1Page - Texas Instruments INA236 Datasheet HTML 2Page - Texas Instruments INA236 Datasheet HTML 3Page - Texas Instruments INA236 Datasheet HTML 4Page - Texas Instruments INA236 Datasheet HTML 5Page - Texas Instruments INA236 Datasheet HTML 6Page - Texas Instruments INA236 Datasheet HTML 7Page - Texas Instruments INA236 Datasheet HTML 8Page - Texas Instruments INA236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VS = 3.3 V, VSENSE = VIN+ - VIN- = 0 mV, VIN- = VBUS = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection
VCM = –0.3 V to 48 V, TA = –40°C to
125°C
136
150
dB
Shunt voltage input range
ADCRANGE = 0
–81.9175
81.92
mV
ADCRANGE = 1
–20.4794
20.48
mV
Vos
Shunt offset voltage
VCM = 12 V
±1
±5
µV
dVos/dT
Shunt offset voltage drift
TA = –40°C to +125°C
±5
±25
nV/°C
Vos_b
IN- bus offset Voltage
±1
±7.5
mV
dVos_b/dT
IN- bus offset voltage drift
TA = –40°C to +125°C
±10
±30
µV/°C
PSRRSHUNT
Power supply rejection ratio
(Current measurments)
VS = 1.7 V to 5.5 V, TA = –40°C to 125°C
±0.5
±2.5
µV/V
PSRRBUS
Power supply rejection ratio
(Voltage measurments)
VS = 1.7 V to 5.5 V, TA = –40°C to 125°C,
VIN- = 50 mV
±0.5
±2.5
mV/V
ZIN-
IN- input impedance
Bus Voltage Measurement Mode
1.05
MΩ
IB_SHDWN
Input Leakage
IN+, IN-, Shutdown Mode
0.1
5
nA
IB
Input bias current
IN+, IN-, Current Measurment Mode
0.1
10
nA
DC ACCURACY
RDIFF
Differential Input Impedance
(IN+ to IN-)
Shunt or Current Measurment
Modes, VIN+ - VIN- < 82 mV
140
kΩ
ADC Resolution
TA = –40°C to 125°C
16
Bits
1 LSB step size
Shunt Voltage, ADCRANGE = 0
2.5
µV
Shunt Voltage, ADCRANGE = 1
625
nV
Bus Voltage
1.6
mV
ADC Conversion-time
(TA = –40°C to 125°C)
CT bit = 000
133
140
147
µs
CT bit = 001
194
204
214
µs
CT bit = 010
315
332
349
µs
CT bit = 011
559
588
617
µs
CT bit = 100
1.045
1.100
1.155
ms
CT bit = 101
2.01
2.116
2.222
ms
CT bit = 110
3.948
4.156
4.364
ms
CT bit = 111
7.832
8.244
8.656
ms
GSERR
Shunt voltage gain error
±0.015
±0.1
%
GS_DRFT
Shunt voltage gain error drift
TA = –40°C to +125°C
30 ppm/°C
GBERR
VIN- voltage gain error
±0.015
±0.1
%
GB_DRFT
VIN- voltage gain error drift
TA = –40°C to +125°C
30 ppm/°C
INL
Integral Non-Linearity
±2
m%
DNL
Differential Non-Linearity
±0.1
LSB
POWER SUPPLY
IQ
Quiescent current
VSENSE = 0 mV
300
380
µA
IQ vs temperature, TA = –40°C to +125°C
500
µA
Shutdown
2.2
3
µA
VPOR
Power-on reset threshold
VS falling
0.95
V
www.ti.com
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com