Electronic Components Datasheet Search
  English  ▼

X  

INA236 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA236
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA236 Datasheet HTML 24Page - Texas Instruments INA236 Datasheet HTML 25Page - Texas Instruments INA236 Datasheet HTML 26Page - Texas Instruments INA236 Datasheet HTML 27Page - Texas Instruments INA236 Datasheet HTML 28Page - Texas Instruments INA236 Datasheet HTML 29Page - Texas Instruments INA236 Datasheet HTML 30Page - Texas Instruments INA236 Datasheet HTML 31Page - Texas Instruments INA236 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
<100
<100
IN+
IN-
VS
GND
100 nF
VS = 1.7V± 5.5V
Load
Load
Supply
CFILTER
0.1µF to 1µF
RFILTER
RDIFF
RSHUNT
Figure 8-1. Input Filtering
Overload conditions are another consideration for the device inputs. The device inputs are specified to tolerate
26 V across the inputs. A large differential scenario can be a short to ground on the load side of the shunt.
This type of event can result in full power-supply voltage across the shunt (as long the power supply or energy
storage capacitors can support this voltage). Removing a short to ground can result in inductive kickbacks
that can exceed the 26-V differential and 48-V common-mode rating of the device. Inductive kickback voltages
are best controlled by Zener-type, transient-absorbing devices (commonly called transzorbs) combined with
sufficient energy storage capacitance. The Current Shunt Monitor with Transient Robustness Reference Design
describes a high-side, current-shunt monitor used to measure the voltage developed across a current-sensing
resistor and how to better protect the current-sense device from transient overvoltage conditions.
In applications that do not have large energy storage electrolytics on one or both sides of the shunt, an input
overstress condition can result from an excessive dV/dt of the voltage applied to the input. A hard physical short
is the most likely cause of this event, and the excessive dV/dt can activate the ESD protection in systems with
large currents. Testing demonstrates that the addition of 10-Ω resistors in series with each input of the device
sufficiently protects against dV/dt failures up to the 48-V rating of the device. Selecting these resistors in the
range noted has minimal effect on accuracy.
8.2 Typical Application
A0
Alert
SDA
SCL
CBYPASS
0.1 µF
Load
VS
Bus Voltage
(upto 48 V)
IN+
IN-
Supply Voltage (VS):
1.7 V to 5.5 V
GND
TI Device
RSHUNT
Figure 8-2. Typical High-Side Sensing Circuit Configuration, INA236
8.2.1 Design Requirements
The INA236 measures the voltage developed across a current-sensing resistor (RSHUNT) when current passes
through it. The device also measures the bus supply voltage and calculates power when calibrated. It also
comes with alert capability, where the alert pin can be programmed to respond to a user-defined event or a
conversion ready notification.
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com