Electronic Components Datasheet Search
  English  ▼

X  

INA236 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA236
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA236 Datasheet HTML 19Page - Texas Instruments INA236 Datasheet HTML 20Page - Texas Instruments INA236 Datasheet HTML 21Page - Texas Instruments INA236 Datasheet HTML 22Page - Texas Instruments INA236 Datasheet HTML 23Page - Texas Instruments INA236 Datasheet HTML 24Page - Texas Instruments INA236 Datasheet HTML 25Page - Texas Instruments INA236 Datasheet HTML 26Page - Texas Instruments INA236 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Table 7-10. Mask/Enable Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
OVF (Math Over-flow)
R
0b
This bit is set to '1' if an arithmetic operation resulted in an overflow error. It
indicates that current and power data may be invalid.
1
APOL (Alert Polarity)
R/W
0b
Alert Polarity bit sets the Alert pin polarity.
0b = Normal (Active-low open drain)
1b= Inverted (active-high )
0
LEN (Alert Latch
Enable)
R/W
0b
When the Alert Latch Enable bit is set to Transparent mode, the Alert pin and
Alert Function Flag (AFF) bit resets to the idle states when the fault condition has
been cleared.
When the Alert Latch Enable bit is set to Latch mode, the Alert pin and AFF bit
remains active following a fault until this register flag has been read.
This bit must be set to use the I2C Alert Response function.
0b = Transparent
1b = Latched Alert pin
Return to the Summary Table.
7.6.1.8 Alert Limit Register (Address = 7h) [reset = 0000h]
The alert limit register is shown in Table 7-11.
Table 7-11. Alert Limit Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
LIMIT
R/W
0000h
The Alert Limit Register contains the value used to compare to the
register selected in the Mask/Enable Register to determine if a limit
has been exceeded.
A two's complement value must be used for the Shunt Over Voltage
limit. Limit values entered should match the format of the targeted
register
Return to the Summary Table.
7.6.1.9 Manufacturer ID Register (Address = 3Eh) [reset = 5449h]
The manufacturer ID register is shown in Table 7-12.
Table 7-12. MANUFACTURE_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MANUFACTURE_ID
R
5449h
Reads back TI in ASCII
Return to the Summary Table.
7.6.1.10 Device ID Register (Address = 3Fh) [reset = A080h]
The Device ID register is shown in Table 7-13.
Table 7-13. DEVICE_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-3
DIEID
R
A080h
Stores the device identification bits
3-0
Reserved
R
0h
Always read 0
Return to the Summary Table.
www.ti.com
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com