Electronic Components Datasheet Search
  English  ▼

X  

INA236 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA236
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA236 Datasheet HTML 6Page - Texas Instruments INA236 Datasheet HTML 7Page - Texas Instruments INA236 Datasheet HTML 8Page - Texas Instruments INA236 Datasheet HTML 9Page - Texas Instruments INA236 Datasheet HTML 10Page - Texas Instruments INA236 Datasheet HTML 11Page - Texas Instruments INA236 Datasheet HTML 12Page - Texas Instruments INA236 Datasheet HTML 13Page - Texas Instruments INA236 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VVS = 3.3 V, VCM = 12 V, and VSENSE = (VIN+ – VIN–) = 0 mV (unless otherwise noted)
Figure 6-14. Input Bias Current vs Differential Voltage
Figure 6-15. Input Bias Current vs Common-Mode Voltage (IB+,
IB-)
Figure 6-16. Input Bias Current vs Temperature
Figure 6-17. Input Bias Current vs Temperature (Shutdown)
Figure 6-18. Quiescent Current vs Temperature
Figure 6-19. Quiescent Current vs Supply Voltage
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com