Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS273 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS273
Description  SN74HCS273 Octal D-Type Flip-Flop with Schmitt-Trigger Inputs and Asynchronous Clear
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS273 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS273 Datasheet HTML 1Page - Texas Instruments SN74HCS273 Datasheet HTML 2Page - Texas Instruments SN74HCS273 Datasheet HTML 3Page - Texas Instruments SN74HCS273 Datasheet HTML 4Page - Texas Instruments SN74HCS273 Datasheet HTML 5Page - Texas Instruments SN74HCS273 Datasheet HTML 6Page - Texas Instruments SN74HCS273 Datasheet HTML 7Page - Texas Instruments SN74HCS273 Datasheet HTML 8Page - Texas Instruments SN74HCS273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
18
17
GND
7Q
6D
5D
V
CC
15
16
1Q
1D
CLR
3Q
3D
CLK
6Q
5Q
2Q
2D
10
9
4D
4Q
8D
8Q
7D
20
19
PW or DGS Package
20-Pin TSSOP or VSSOP
(Top View)
VCC
CLK
GND
1Q
1D
2D
2Q
3Q
3D
4D
4Q
CLR
8Q
8D
7D
7Q
6Q
6D
5D
5Q
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
PAD
RKS Package
20-Pin VQFN
(Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
CLR
1
Input
Clear for all channels, active low
1Q
2
Output
Output for channel 1
1D
3
Input
Input for channel 1
2D
4
Input
Input for channel 2
2Q
5
Output
Output for channel 2
3Q
6
Output
Output for channel 3
3D
7
Input
Input for channel 3
4D
8
Input
Input for channel 4
4Q
9
Output
Output for channel 4
GND
10
—
Ground
CLK
11
Input
Clock for all channels, rising edge triggered
5Q
12
Output
Output for channel 5
5D
13
Input
Input for channel 5
6D
14
Input
Input for channel 6
6Q
15
Output
Output for channel 6
7Q
16
Output
Output for channel 7
7D
17
Input
Input for channel 7
8D
18
Input
Input for channel 8
8Q
19
Output
Output for channel 8
VCC
20
—
Postive supply
Thermal Pad(1)
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
(1)
RKS package only.
www.ti.com
SN74HCS273
SCLS851D – MARCH 2021 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com