Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS273 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS273
Description  SN74HCS273 Octal D-Type Flip-Flop with Schmitt-Trigger Inputs and Asynchronous Clear
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS273 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HCS273 Datasheet HTML 1Page - Texas Instruments SN74HCS273 Datasheet HTML 2Page - Texas Instruments SN74HCS273 Datasheet HTML 3Page - Texas Instruments SN74HCS273 Datasheet HTML 4Page - Texas Instruments SN74HCS273 Datasheet HTML 5Page - Texas Instruments SN74HCS273 Datasheet HTML 6Page - Texas Instruments SN74HCS273 Datasheet HTML 7Page - Texas Instruments SN74HCS273 Datasheet HTML 8Page - Texas Instruments SN74HCS273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VT+
Positive switching threshold
2 V
0.7
1.5
V
4.5 V
1.7
3.15
6 V
2.1
4.2
VT-
Negative switching threshold
2 V
0.3
1
V
4.5 V
0.9
2.2
6 V
1.2
3
ΔVT
Hysteresis (VT+ - VT-)
2 V
0.2
1
V
4.5 V
0.4
1.4
6 V
0.6
1.6
VOH
High-level output voltage
VI = VIH or VIL
IOH = -20 µA
2 V to 6 V
VCC – 0.1
VCC – 0.002
V
IOH = -6 mA
4.5 V
4
4.3
IOH = -7.8 mA
6 V
5.4
5.75
VOL
Low-level output voltage
VI = VIH or VIL
IOL = 20 µA
2 V to 6 V
0.002
0.1
V
IOL = 6 mA
4.5 V
0.18
0.3
IOL = 7.8 mA
6 V
0.22
0.33
II
Input leakage current
VI = VCC or 0
6 V
±100
±1000
nA
ICC
Supply current
VI = VCC or 0, IO = 0
6 V
0.1
2
µA
Ci
Input capacitance
2 V to 6 V
5
pF
6.6 Timing Characteristics
over operating free-air temperature range (unless otherwise noted), CL = 50 pF
PARAMETER
CONDITION
VCC
MIN
MAX
UNIT
fclock
Clock Frequency
2 V
49
MHz
4.5 V
120
6 V
135
tw
Pulse duration
CLR low
2 V
12
ns
4.5 V
6
6 V
6
CLK high or low
2 V
12
ns
4.5 V
6
6 V
6
tsu
Setup time
Data before CLK↑
2 V
18
ns
4.5 V
6
6 V
6
CLR inactive
2 V
18
ns
4.5 V
6
6 V
6
th
Hold time, data after CLK↑
2 V
0
ns
4.5 V
0
6 V
0
www.ti.com
SN74HCS273
SCLS851D – MARCH 2021 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74HCS273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com