Electronic Components Datasheet Search
  English  ▼

X  

MPC9330 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC9330
Description  3.3V, 1:6, LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9330 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC9330 Datasheet HTML 1Page - Renesas Technology Corp MPC9330 Datasheet HTML 2Page - Renesas Technology Corp MPC9330 Datasheet HTML 3Page - Renesas Technology Corp MPC9330 Datasheet HTML 4Page - Renesas Technology Corp MPC9330 Datasheet HTML 5Page - Renesas Technology Corp MPC9330 Datasheet HTML 6Page - Renesas Technology Corp MPC9330 Datasheet HTML 7Page - Renesas Technology Corp MPC9330 Datasheet HTML 8Page - Renesas Technology Corp MPC9330 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MPC9330 REVISION 8 3/11/16
3
©2016 Integrated Device Technology, Inc.
MPC9330 Data Sheet
3.3V, 1:6, LVCMOS PLL CLOCK GENERATOR
Table 1. Pin Configuration
Pin
I/O
Type
Function
CCLK
Input
LVCMOS
PLL reference clock signal
XTAL_IN, XTAL_OUT
Input
Analog
Crystal oscillator interface
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to an output
FB_SEL
Input
LVCMOS
Feedback select
REF_SEL
Input
LVCMOS
Reference clock select
PWR_DN
Input
LVCMOS
Output frequency and power down select
FSELA
Input
LVCMOS
Frequency divider select for bank A outputs
FSELB
Input
LVCMOS
Frequency divider select for bank B outputs
FSELC
Input
LVCMOS
Frequency divider select for bank C outputs
PLL_EN
Input
LVCMOS
PLL enable/disable
CLK_STOP0-1
Input
LVCMOS
Clock output enable/disable
OE/MR
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
QA0-1, QB0-1, QC0-1
Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply). It is recommended to use an external RC
filter for the analog power supply pin VCC_PLL. Please see Applications Information section for
details.
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to the positive power
supply for correct operation.
Table 2. Function Table
Control
Default
0
1
REF_SEL
0
The crystal oscillator output is the PLL reference clock
CCLK is the PLL reference clock
FB_SEL
0
Internal PLL feedback of 16. fVCO = 16 * fref
External feedback. Zero-delay operation
enabled for CCLK as reference clock
PLL_EN
1
Test mode with PLL disabled. The reference clock is
substituted for the internal VCO output. MPC9330 is fully static
and no minimum frequency limit applies. All PLL related AC
characteristics are not applicable.
Normal operation mode with PLL enabled.
PWR_DN
1
VCO
 2 (High output frequency range)
VCO
 4 (Low output frequency range)
FSELA
0
Output divider
 2
Output divider
 4
FSELB
0
Output divider
 2
Output divider
 4
FSELC
0
Output divider
 4
Output divider
 6
CLK_STOP[0:1]
11
See Table 3
OE/MR
1
Outputs disabled (high-impedance state) and reset of the
device. During reset in external feedback configuration, the
PLL feedback loop is open. The VCO is tied to its lowest
frequency. The MPC9330 requires reset after any loss of PLL
lock. Loss of PLL lock may occur when the external feedback
path is interrupted. The length of the reset pulse should be
greater than one reference clock cycle (CCLK). Reset does not
affect PLL lock in internal feedback configuration.
Outputs enabled (active)
PWR_DN, FSELA, FSELB and FSELC control the operating PLL frequency range and input/output frequency ratios.
See Table 8 through Figure 10 for supported frequency ranges and output to input frequency ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com