Electronic Components Datasheet Search
  English  ▼

X  

MPC9330 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9330
Description  3.3V, 1:6, LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9330 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9330 Datasheet HTML 2Page - Renesas Technology Corp MPC9330 Datasheet HTML 3Page - Renesas Technology Corp MPC9330 Datasheet HTML 4Page - Renesas Technology Corp MPC9330 Datasheet HTML 5Page - Renesas Technology Corp MPC9330 Datasheet HTML 6Page - Renesas Technology Corp MPC9330 Datasheet HTML 7Page - Renesas Technology Corp MPC9330 Datasheet HTML 8Page - Renesas Technology Corp MPC9330 Datasheet HTML 9Page - Renesas Technology Corp MPC9330 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPC9330 REVISION 8 3/11/16
6
©2016 Integrated Device Technology, Inc.
MPC9330 Data Sheet
3.3V, 1:6, LVCMOS PLL CLOCK GENERATOR
APPLICATIONS INFORMATION
Output Power Down (PWR_DN) Timing Diagram
Output Clock Stop (CLK_STOP) Timing Diagram
Programming the MPC9330
The MPC9330 supports output clock frequencies from 8.33 to
120 MHz. Different feedback and output divider configurations can
be used to achieve the desired input to output frequency
relationship. The feedback frequency and divider should be used to
situate the VCO in the frequency lock range between 200 and 480
MHz for stable and optimal operation. The FSELA, FSELB, FSELC
and PWR_DN pins select the desired output clock frequencies.
Possible frequency ratios of the reference clock input to the outputs
are 1:4, 1:3, 1:2, 1:1, 2:3, 4:3 and 3:2. Table 8 through Table 10
illustrate the various output configurations and frequency ratios
supported by the MPC9330.
VCO
2
VCO
4
PWR_DWN
QAx (
2)
QBx (
4)
QCx (
6)
QAx (
2)
QBx (
4)
QCx (
6)
CLK_STOP0
CLK_STOP1
QAx (
2)
QBx (
4)
QCx (
6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com