Electronic Components Datasheet Search
  English  ▼

X  

MPC9330 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC9330
Description  3.3V, 1:6, LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9330 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC9330 Datasheet HTML 5Page - Renesas Technology Corp MPC9330 Datasheet HTML 6Page - Renesas Technology Corp MPC9330 Datasheet HTML 7Page - Renesas Technology Corp MPC9330 Datasheet HTML 8Page - Renesas Technology Corp MPC9330 Datasheet HTML 9Page - Renesas Technology Corp MPC9330 Datasheet HTML 10Page - Renesas Technology Corp MPC9330 Datasheet HTML 11Page - Renesas Technology Corp MPC9330 Datasheet HTML 12Page - Renesas Technology Corp MPC9330 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MPC9330 REVISION 8 3/11/16
9
©2016 Integrated Device Technology, Inc.
MPC9330 Data Sheet
3.3V, 1:6, LVCMOS PLL CLOCK GENERATOR
VL =VS ( Z0  (RS+R0 + Z0))
Z0 = 50  || 50 
RS = 36  || 36 
R0 = 14 
VL = 3.0 (25  (18+14+25)
= 1.31 V
At the load end, the voltage will double due to the near unity
reflection coefficient, to 2.6 V. It will then increment towards the
quiescent 3.0 V in steps separated by one round trip delay (in this
case 4.0 ns).
Final skew data pending specification.
Figure 5. Single versus Dual Waveforms
Since this step is well above the threshold region, it will not cause
any false clock triggering; however, designers may be
uncomfortable with unwanted reflections on the line. To better match
the impedances when driving multiple lines, the situation in Figure 6
should be used. In this case the series terminating resistors are
reduced such that when the parallel combination is added to the
output buffer impedance, the line impedance is perfectly matched.
Figure 6. Optimized Dual Line Termination
Figure 7. CCLK MPC9330 AC Test Reference for Vcc = 3.3 V
Time (ns)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
14
 + 22  || 22  = 50 || 50 
25
 = 25 
14
MPC9330
Output
Buffer
RS = 22 
ZO = 50 
RS = 22 
ZO = 50 
Pulse
Generator
Z = 50
RT = 50 
ZO = 50 
RT = 50 
ZO = 50 
MPC9930 DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com