Electronic Components Datasheet Search
  English  ▼

X  

MPC9330 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9330
Description  3.3V, 1:6, LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9330 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9330 Datasheet HTML 1Page - Renesas Technology Corp MPC9330 Datasheet HTML 2Page - Renesas Technology Corp MPC9330 Datasheet HTML 3Page - Renesas Technology Corp MPC9330 Datasheet HTML 4Page - Renesas Technology Corp MPC9330 Datasheet HTML 5Page - Renesas Technology Corp MPC9330 Datasheet HTML 6Page - Renesas Technology Corp MPC9330 Datasheet HTML 7Page - Renesas Technology Corp MPC9330 Datasheet HTML 8Page - Renesas Technology Corp MPC9330 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MPC9330 REVISION 8 3/11/16
2
©2016 Integrated Device Technology, Inc.
MPC9330 Data Sheet
3.3V, 1:6, LVCMOS PLL CLOCK GENERATOR
Figure 1. MPC9330 Logic Diagram
Figure 2. MPC9330 32-Lead Package Pinout (Top View)
PWR_DN
FB_SEL
FB_IN
REF_SEL
CCLK
XTAL_IN
FSELC
FSELA
PLL_EN
PLL
1
0
2
4
6
1
0
0
1
16
1
0
1
0
2
4
1
0
1
0
3
OE/MR
QA0
QA1
QB0
QB1
QC0
QC1
Bank A
Bank B
Bank C
25k
25k
3 x 25k
25k
VCC
VCC
25k
VCC
25k
VCC
3 x 25k
VCC
CLK
Stop
CLK
Stop
CLK
Stop
Ref
FB
VCO
CLK_STOP1
CLK_STOP0
FSELB
XTAL_OUT
XTAL
25k
Power_On Reset
GND
QA1
QA0
VCC
FSELA
FSELB
FSELC
GND
QC1
QC0
VCC
FB_IN
CLK_STOP1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9330
NC
CLK_STOP0
NC
It is recommended to use an external RC filter for the analog power supply pin VCC_PLL. Please see Applications Information section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com