Electronic Components Datasheet Search
  English  ▼

X  

MPC9330 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9330
Description  3.3V, 1:6, LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9330 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9330 Datasheet HTML 1Page - Renesas Technology Corp MPC9330 Datasheet HTML 2Page - Renesas Technology Corp MPC9330 Datasheet HTML 3Page - Renesas Technology Corp MPC9330 Datasheet HTML 4Page - Renesas Technology Corp MPC9330 Datasheet HTML 5Page - Renesas Technology Corp MPC9330 Datasheet HTML 6Page - Renesas Technology Corp MPC9330 Datasheet HTML 7Page - Renesas Technology Corp MPC9330 Datasheet HTML 8Page - Renesas Technology Corp MPC9330 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MPC9330 REVISION 8 3/11/16
4
©2016 Integrated Device Technology, Inc.
MPC9330 Data Sheet
3.3V, 1:6, LVCMOS PLL CLOCK GENERATOR
Table 3. Clock Output Synchronous Disable (CLK_STOP) Function Table(1)
1. Output operation for OE/MR=1 (outputs enabled). OE/MR=0 will disable (high-impedance state) all outputs independent on CLK_STOP[0:1].
CLK_STOP0
CLK_STOP1
QA[0:1]
QB[0:1]
QC[0:1]
0
0
Active
Stopped in logic L state
Stopped in logic L state
0
1
Active
Stopped in logic L state
Active
1
0
Stopped in logic L state
Stopped in logic L state
Active
1
1
Active
Active
Active
Table 4. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC  2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
Table 5. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC+0.3
V
VOUT
DC Output Voltage
–0.3
VCC+0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
–65
125
°C
Table 6. DC Characteristics (VCC = 3.3 V  5%, TA = 0°C to 70°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VOH
Output High Voltage
2.4
V
IOH = -24 mA
(1)
1. The MPC9330 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.30
V
V
IOL= 24 mA
IOL= 12 mA
ZOUT
Output Impedance
14 – 17
IIN
Input Current(2)
2. Inputs have pull-down or pull-up resistors affecting the input current.
100
A
VIN = VCC or GND
ICC_PLL
Maximum PLL Supply Current
5.0
10
mA
VCC_PLL Pin
ICCQ
Maximum Quiescent Supply Current
5.0
10
mA
All VCC Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com