Electronic Components Datasheet Search
  English  ▼

X  

JFE150 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # JFE150
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150 Datasheet(HTML) 1 Page - Texas Instruments

  JFE150 Datasheet HTML 1Page - Texas Instruments JFE150 Datasheet HTML 2Page - Texas Instruments JFE150 Datasheet HTML 3Page - Texas Instruments JFE150 Datasheet HTML 4Page - Texas Instruments JFE150 Datasheet HTML 5Page - Texas Instruments JFE150 Datasheet HTML 6Page - Texas Instruments JFE150 Datasheet HTML 7Page - Texas Instruments JFE150 Datasheet HTML 8Page - Texas Instruments JFE150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
1 Features
• Ultra-low noise:
– Voltage noise:
• 0.8 nV/√Hz at 1 kHz, IDS = 5 mA
• 0.9 nV/√Hz at 1 kHz, IDS = 2 mA
– Current noise: 1.8 fA/√Hz at 1 kHz
• Low gate current: 10 pA (max)
• Low input capacitance: 24 pF at VDS = 5 V
• High gate-to-drain and gate-to-source breakdown
voltage: –40 V
• High transconductance: 68 mS
• Packages: Small SC70 and SOT-23
2 Applications
• Microphone inputs
• Hydrophones and marine equipment
• DJ controllers, mixers, and other DJ equipment
• Professional audio mixer or control surface
• Guitar amplifier and other music instrument
amplifier
• Condition monitoring sensor
3 Description
The JFE150 is a Burr-Brown™ discrete JFET built
using Texas Instruments' modern, high-performance,
analog bipolar process. The JFE150 features
performance not previously available in older discrete
JFET technologies. The JFE150 offers the maximum
possible noise-to-power efficiency and flexibility,
where the quiescent current can be set by the user
and yields excellent noise performance for currents
from 50 μA to 20 mA. When biased at 5 mA, the
device yields 0.8 nV/√Hz of input-referred noise,
giving ultra-low noise performance with extremely
high input impedance (> 1 TΩ). The JFE150 also
features integrated diodes connected to separate
clamp nodes to provide protection without the addition
of high-leakage, nonlinear, external diodes.
The JFE150 can withstand a high drain-to-source
voltage of 40 V, as well as gate-to-source and gate-
to-drain voltages down to –40 V. The temperature
range is specified from –40°C to +125°C. The device
is offered in 5-pin SOT-23 and SC70 packages.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
JFE150
DBV (SOT-23, 5)
2.90 mm × 1.60 mm
DCK (SC70, 5)
2.00 mm × 1.25 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Device Summary
PARAMETER
VALUE
VGSS
Gate-to-source breakdown voltage
–40 V
VDSS
Drain-to-source breakdown voltage
±40 V
CISS
Input capacitance
24 pF
TJ
Junction temperature
–40°C to +125°C
IDSS
Drain-to-source saturation current
35 mA
VCH
VCL
G
S
D
Functional Block Diagram
Ultra-Low Input Voltage Noise
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - JFE150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JFE150 TI-JFE150 Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
JFE150DCKR TI-JFE150DCKR Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
JFE150DCKT TI-JFE150DCKT Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
More results

Similar Description - JFE150

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LSK170 LINEAR-LSK170 Datasheet
116Kb / 1P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET
LSK389 LINEAR-LSK389 Datasheet
118Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LSK170A_SOT-23 MICROSS-LSK170A_SOT-23 Datasheet
475Kb / 1P
Ultra Low Noise Single N-Channel JFET
LSK170B_SOT-23 MICROSS-LSK170B_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_SOT-23 MICROSS-LSK170C_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_TO-92 MICROSS-LSK170C_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LSK170 LINEAR-LSK170_14 Datasheet
191Kb / 2P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET AMPLIFIER
logo
Texas Instruments
JFE150 TI-JFE150 Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
JFE2140 TI-JFE2140 Datasheet
1Mb / 28P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N?멌hannel JFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com