| Electronic Components Datasheet Search |
|
JFE150 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
JFE150 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 29 page ![]() The bias current varies according to the resistor and threshold voltage tolerances. Additionally, thermal noise associated with RS couples directly into the gain of the circuit, degrading the overall noise performance. To improve the circuit in Figure 9-4, use a current-source biasing scheme. Current-source biasing removes the JFET threshold variation from the biasing scheme, and allows for lower-value filtering capacitance (CS) for equivalent filtering due to the high output impedance of current sources. V + JFE150 V IN R D + ± + ± + ± RG VOUT CS CS I BIAS V ± Figure 9-4. Common-Source Amplifier With Current-Source Biasing 9.1.4 Composite Amplifiers The JFE150 can be configured to provide a low-noise, high-input impedance front-end stage for a typical op amp. Open-loop transistor gain stages shown previously suffer from wide gain variations that are dependent on the forward transcondutance of the JFE150. When precision gain is required, the composite amplifier (JFET front-end + operational amplifier) achieves excellent results by allowing for a fixed gain determined by external resistors, and improving the noise and bandwidth of the operational amplifier. The JFE150 gain stage provides a boost to the open-loop performance of the system, extending the bandwidth beyond what the operational amplifier alone can provide, and gives a high-input impedance, ultra-low noise input stage to interface with high source impedance microphones. Figure 9-5 shows a generic schematic representation of a current-feedback composite amplifier. The component requirements and tradeoffs are listed in Table 9-1. VDD JFE150 V IN RD R S + ± + ± + ± CS CS + ± + ± + ± RS2 RS2 OPA R G VOUT C F C F CD CD VBIASO C B C B R B Figure 9-5. Low Noise, High Input Impedance Composite Amplifier www.ti.com JFE150 SLPS732B – JUNE 2021 – REVISED APRIL 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: JFE150 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |