Electronic Components Datasheet Search
  English  ▼

X  

JFE150 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # JFE150
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150 Datasheet(HTML) 9 Page - Texas Instruments

Back Button JFE150 Datasheet HTML 5Page - Texas Instruments JFE150 Datasheet HTML 6Page - Texas Instruments JFE150 Datasheet HTML 7Page - Texas Instruments JFE150 Datasheet HTML 8Page - Texas Instruments JFE150 Datasheet HTML 9Page - Texas Instruments JFE150 Datasheet HTML 10Page - Texas Instruments JFE150 Datasheet HTML 11Page - Texas Instruments JFE150 Datasheet HTML 12Page - Texas Instruments JFE150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
8 Detailed Description
8.1 Overview
The JFE150 is an ultra-low noise JFET designed to create low-noise gain stages for very high output impedance
sensors or microphones. Advanced processing technology gives the JFE150 extremely low-noise performance,
a high gm/CISS ratio, and ultra-low gate-current performance. Input protection diodes are integrated to clamp
high-voltage spurious input signals without the need for additional input diodes that can add leakage current
or distortion-creating non-linear capacitance. The JFE150 provides a next-generation device to implement low-
noise amplifiers for piezoelectric sensors, transducers, large-area condenser microphones, and hydrophones in
small-package options.
8.2 Functional Block Diagram
VCH
VCL
G
S
D
8.3 Feature Description
8.3.1 Ultra-Low Noise
Junction-gate field-effect transistors (JFETs) are commonly used as an input stage in high-input-impedance,
low-noise designs in audio, SONAR, vibration analysis, and other technologies. The JFE150 is a new generation
JFET device that offers very low noise performance at the lowest possible current consumption in high-input-
impedance amplifier designs. The JFE150 is manufactured on a high-performance analog process technology,
giving tighter process parameter control than a standard JFET.
Designs that feature operational amplifiers (op amps) as the primary gain stage are common, but these designs
are not able to achieve the lowest possible noise as a result of the inherent challenges and tradeoffs required
from a full operational amplifier design. Noise in JFET designs can be evaluated in two separate regions:
low-frequency flicker noise and wideband thermal noise. Flicker, or 1/f noise, is extremely important for systems
that require signal gain at frequencies less that 100 Hz. The JFE150 achieves extremely low 1/f noise in
this range. Thermal noise is noise in the region greater than 1 kHz and depends on the gain, or gm, of the
circuit. The gm is a function of the drain-to-source bias current; therefore, thermal noise is also a function of
drain-to-source bias current. Figure 6-9 shows both 1/f and thermal noise with multiple bias conditions measured
using the circuit shown in Figure 7-1.
Noise is typically modeled as a voltage source (voltage noise) and current source (current noise) on the input.
The 1/f and thermal noise can be represented as voltage noise. Current noise is dominated by current flow into
the gate, and is called shot noise. The JFE150 features extremely low gate current, and therefore, extremely low
current noise. Figure 6-10 shows how source impedance on the input is the dominant noise source. In nearly all
cases, noise created as a result of current noise is negligible.
8.3.2 Low Gate Current
The JFE150 features a maximum gate current of 10 pA at room temperature, making the device an excellent
choice for maximizing the gain and dynamic range from extremely high impedance sensors. Additionally, any
noise contributions as a result of gate current are minimized because of the negligible shot noise at low current
levels. As with all JFET devices, when the drain-to-source voltage increases, the gate current also increases.
Keep the drain-to-source voltage to less than 5 V for the lowest gate input current operation.
www.ti.com
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com