Electronic Components Datasheet Search
  English  ▼

X  

JFE150 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # JFE150
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150 Datasheet(HTML) 16 Page - Texas Instruments

Back Button JFE150 Datasheet HTML 12Page - Texas Instruments JFE150 Datasheet HTML 13Page - Texas Instruments JFE150 Datasheet HTML 14Page - Texas Instruments JFE150 Datasheet HTML 15Page - Texas Instruments JFE150 Datasheet HTML 16Page - Texas Instruments JFE150 Datasheet HTML 17Page - Texas Instruments JFE150 Datasheet HTML 18Page - Texas Instruments JFE150 Datasheet HTML 19Page - Texas Instruments JFE150 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
9.3 Power Supply Recommendations
The JFE150 is a JFET transistor with clamping diodes. There are no specific power-supply connections;
however, take care not to exceed any absolute maximum voltages on any of the pins if system supply voltages
greater than or equal to 40 V are used.
9.4 Layout
9.4.1 Layout Guidelines
For best operational performance of the device, use good printed-circuit board (PCB) layout practices, including:
• Reduce parasitic coupling by running the input traces as far away from the supply or output traces as
possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as
opposed to in parallel with the noisy trace.
• Place the external components as close to the device as possible.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Keep high impedance input signals away from noisy traces.
• Make sure supply voltages are adequately filtered.
• Minimize distance between source-connected and drain-connected components to the JFE150.
• Consider a driven, low-impedance guard ring around the critical gate traces. A guard ring can significantly
reduce leakage currents from nearby traces that are at different potentials.
• Clean the PCB following board assembly for best performance.
• Any precision integrated circuit can experience performance shifts resulting from moisture ingress into the
plastic package. Following any aqueous PCB cleaning process, bake the PCB assembly to remove moisture
introduced into the device packaging during the cleaning process. A low temperature, post-cleaning bake at
85°C for 30 minutes is sufficient for most circumstances.
9.4.2 Layout Example
R
D
D
S
G
VCL
V
IN
V
DD
R
S
VCH
V
SS
V
DD
V
SS
C
S
Figure 9-9. JFE150 Layout Example, Common Source Configuration
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com