Electronic Components Datasheet Search
  English  ▼

X  

JFE150 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # JFE150
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150 Datasheet(HTML) 3 Page - Texas Instruments

  JFE150 Datasheet HTML 1Page - Texas Instruments JFE150 Datasheet HTML 2Page - Texas Instruments JFE150 Datasheet HTML 3Page - Texas Instruments JFE150 Datasheet HTML 4Page - Texas Instruments JFE150 Datasheet HTML 5Page - Texas Instruments JFE150 Datasheet HTML 6Page - Texas Instruments JFE150 Datasheet HTML 7Page - Texas Instruments JFE150 Datasheet HTML 8Page - Texas Instruments JFE150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5 Pin Configuration and Functions
1
VCH
2
VCL
3
G
4
S
5
D
Not to scale
Figure 5-1. DBV, 5-Pin SOT-23 and DCK, 5-Pin SC70 Packages (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
D
5
Output
Drain
G
3
Input
Gate
S
4
Output
Source
VCH
1
—
Positive diode clamp voltage. Float this pin if clamp diodes are not used.
VCL
2
—
Negative diode clamp voltage. Float this pin if clamp diodes are not used.
www.ti.com
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com