Electronic Components Datasheet Search
  English  ▼

X  

AND8020 Datasheet(PDF) 6 Page - Analog Devices

Part # AND8020
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020 Datasheet(HTML) 6 Page - Analog Devices

Back Button AND8020 Datasheet HTML 2Page - Analog Devices AND8020 Datasheet HTML 3Page - Analog Devices AND8020 Datasheet HTML 4Page - Analog Devices AND8020 Datasheet HTML 5Page - Analog Devices AND8020 Datasheet HTML 6Page - Analog Devices AND8020 Datasheet HTML 7Page - Analog Devices AND8020 Datasheet HTML 8Page - Analog Devices AND8020 Datasheet HTML 9Page - Analog Devices AND8020 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AND8020/D
http://onsemi.com
6
Internal Termination Resistors
Internal termination conveniently uses 50
W values for Rt,
with the most popular being Z0. Note the internal termination
allows the Combo Pin node, Vt, from the internal resistors to
be connected to an external VTT supply, typically at
VCC − 2.0 V, as shown in Figure 5. Alternatively, this Combo
Pin may be pulled to VEE through an external resistor to form
a “Y” type termination variant, as shown in Figure 5. See the
“Y Variance” topic and the “Y Term Table” for Rt3 resistor
values.
Figure 5. Combo Pin VTT or “Y” Connection with
Internal Parallel Termination
VTT
R
R
(*or twisted pair)
Driver
Receiver
*T−Line Z0
*T−Line Z0
VTT Connection
VEE
R
R
(*or twisted pair)
Driver
Receiver
*T−Line Z0
*T−Line Z0
Y Connection
Rt3
A.
B.
Example Calculations
Ideally, VTT supply tracks 1:1 with VCC; however, supply
tolerances need to be considered. Assume for instance a
MC10EP16, +85
°C, nominal +3.3 VCC, terminated 50 W (Rt)
to VTT, where VTT is VCC − 2.0 V, or 1.3 V:
IOHmax of (VCC ) * 0.885 V
IOLmin of (VCC ) * 1.685 V
resulting in the nominal case:
IOHmax +
(VOHmax * VTT )
Rt
(3.3
* 0.885) * 1.3
50
+ 22.3 mA
IOLmin +
(VOLmin * VTT )
Rt
(3.3
* 1.685) * 1.3
50
+ 6.3 mA
If +5% tolerances are assumed, two worst case conditions result.
Case #1: VCCmin = VCC − 5%, VTTmax = VTT + 5%
((3.135
* 0.885) * 1.365)
50
+ 17.7 mA
IOHmax +
(VOHmax * VTT)
Rt
IOLmin +
(VOLmin * VTT)
Rt
((3.135
* 1.685) * 1.365)
50
+ 1.7 mA
Case #2: VCCmin + 5%, VTTmax − 5%
((3.465
* 0.885) * 1.235)
50
+ 26.9 mA
IOHmax +
(VOHmax * VTT)
Rt
((3.465
* 1.685) * 1.235)
50
+ 1.09 mA
IOLmin +
(VOLmin * VTT)
Rt
Y Variance
The “Y” termination for a differential pair may be
preferred when avoiding the use of a VTT supply. The design
is shown in Figure 6 and utilizes the following formulas for
calculating resistor values which are found in the Y Term
Table. The voltage at the Node where Rt1, Rt2, and Rt3
connect remains at a static VTT voltage of VCC − 2.0 V, or
1.3 V.
Rt3 + Rt1
VTT
* VEE
VOH ) VOL * 2VTT
Rt1 + Rt2 + Z0
(eq. 10)
(eq. 11)
VTT +
Rt3 (VOH ) VOL ) ) (Rt1 *VEE )
Rt1 ) 2Rt3
(eq. 12)
Figure 6. “Y” Variance
Driver
Receiver
*T−Line Z0
*T−Line Z0
VCC
* or Twisted Pair
Rt1
Rt2
Rt3
C1 0.1−0.01 mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com