Electronic Components Datasheet Search
  English  ▼

X  

AND8020 Datasheet(PDF) 8 Page - Analog Devices

Part # AND8020
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020 Datasheet(HTML) 8 Page - Analog Devices

Back Button AND8020 Datasheet HTML 4Page - Analog Devices AND8020 Datasheet HTML 5Page - Analog Devices AND8020 Datasheet HTML 6Page - Analog Devices AND8020 Datasheet HTML 7Page - Analog Devices AND8020 Datasheet HTML 8Page - Analog Devices AND8020 Datasheet HTML 9Page - Analog Devices AND8020 Datasheet HTML 10Page - Analog Devices AND8020 Datasheet HTML 11Page - Analog Devices AND8020 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AND8020/D
http://onsemi.com
8
Internal 100
W Termination (LVDS)
For some technologies, such as LVDS, this passive 100
W
internal termination can provide sufficient termination for the
driver as shown in Figure 10. Devices with a Combo Pin will
require this pin to remain open, while devices with singulated
internal resistors require the two pinned out Vt nodes for a
differential pair to be shorted together to provide the 100
W
termination.
Figure 10. LVDS Interconnect with Internal
Termination
Open Vt Pin
R
R
(*or twisted pair)
LVDS Driver
Receiver
*T−Line Z0
*T−Line Z0
Internal Termination Combo Pin
Internal Termination Singulated Pins
R
R
(*or twisted pair)
LVDS Driver
Receiver
*T−Line Z0
*T−Line Z0
Vt1
Vt2
Shorted
Differential ECL outputs can be terminated as independent
complimentary single−ended lines. Both sides of any
differential pair must be terminated as identically as possible
to minimize phase error and pulse width duty cycle skew.
The IOH currents in these two cases will vary the DC VOH
levels by
$40 mV. However in the vast majority of cases, DC
levels are well centered in their specification windows, thus
this variation will simply move the level within the valid
specification window and no loss of worst case noise margin
will be seen.
The IOL situation on the other hand does pose a potential
AC problem. In the worst Case #1 IOLmin situation, the
output emitter follower could move into the cutoff state
(0 mA). The output emitter followers of ECL devices are
designed to be in the conducting, active region of operation
at all times. When forced into cutoff, the delay of the device
will be increased due to the extra time required to pull the
output emitter follower out of the cutoff state. Again, this
situation will arise only under a number of simultaneous
worst case situations and therefore, is highly unlikely to
occur. But, because of the potential, it should not be
overlooked.
Output Drive Characteristics
Figure 11 shows the nominal output characteristics for
ECL devices operating in negative ECL mode, driving
various load impedances (including the standard 50
W)
returned to a negative two volt supply. The output
resistances, RH (high state output resistance) and RL (low
state output resistance), are obtained from the reciprocal of
the slope at the desired operating point. Many applications
require loads other than 50
W − the resulting VOH and VOL
levels can be estimated using the following technique.
VOH
−2.0
0
−5
−10
−15
−0.75
−1.0
−1.25
−20
−25
−30
−35
−40
−1.75
−0.5 −0.25
0
OUTPUT VOLTAGE (V)
SLOPE = 6
W − 8 W
−1.5
Figure 11. Normal Output Levels Driving Various
Load Impedances
VOL
TA =25°C
25
W
to − 2.0 V
50
W
to − 2.0 V
150
W
to − 2.0 V
100
W
to − 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com