Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 35Page - NXP Semiconductors LPC55S0X Datasheet HTML 36Page - NXP Semiconductors LPC55S0X Datasheet HTML 37Page - NXP Semiconductors LPC55S0X Datasheet HTML 38Page - NXP Semiconductors LPC55S0X Datasheet HTML 39Page - NXP Semiconductors LPC55S0X Datasheet HTML 40Page - NXP Semiconductors LPC55S0X Datasheet HTML 41Page - NXP Semiconductors LPC55S0X Datasheet HTML 42Page - NXP Semiconductors LPC55S0X Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.3 — 3 February 2023
39 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
7.10 Protected Flash Region (PFR)
The protected flash region is available to configure secure boot, debug authentication,
read UUID, store PUF in key store area, and user defined fields available for specific data
storage.
7.11 Memory mapping
7.12 AHB multilayer matrix
The LPC55S0x/LPC550x uses a multi-layer AHB matrix to connect the CPU buses and
other bus masters to peripherals in a flexible manner that optimizes performance by
allowing peripherals that are on different slave ports of the matrix to be accessed
simultaneously by different bus masters. The device block diagram in Figure 2 shows
details of the available matrix connections.
7.13 Memory Protection Unit (MPU)
CPU has a memory protection unit (MPU) that provides fine grain memory control,
enabling applications to implement security privilege levels, separating code, data and
stack on a task-by-task basis. Such requirements are critical in many embedded
applications.
The MPU register interface is located on the CPU private peripheral bus and is described
in detail in Ref 1 “Cortex-M33 DEBUG”
7.14 TrustZone and system mapping on this device
The implementation of ARM TrustZone for CPU involves using address bit 28 to divide the
address space into potential secure and non-secure regions. Address bit 28 is not
decoded in memory access hardware, so each physical location appears in two places on
whatever bus they are located on. Other hardware determines which kinds of accesses
(including non-secure callable) are actually allowed for any particular address.
Table 5 shows the overall mapping of the code and data buses for secure and non-secure
accesses to various device resources.
Remark: In the peripheral description chapters of this manual, only the native
(non-secure) base address is noted, secure base addresses can be found in this chapter
or created by setting bit 28 in the address as needed.
[1] The size shown for peripherals spaces indicates the space allocated in the memory map, not the actual
space used by the peripheral or memory.
[2] Selected areas of secure regions may be marked as non-secure callable.
Table 5.
TrustZone and system general mapping
Start address End address TrustZone
CPU bus CM-33 usage
0x0000 0000 0x0FFF FFFF Non-secure
Code
Flash memory, Boot ROM, SRAM X.
0x1000 0000 0x1FFF FFFF Secure
Code
Same as above.
0x2000 0000 0x2FFF FFFF Non-secure
Data
SRAM 0, SRAM 1, SRAM 2
0x3000 0000 0x3FFF FFFF Secure
Data
Same as above.
0x4000 0000 0x4FFF FFFF Non-secure
Data
AHB and APB peripherals.
0x5000 0000 0x5FFF FFFF Secure
Data
Same as above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com