Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 45Page - NXP Semiconductors LPC55S0X Datasheet HTML 46Page - NXP Semiconductors LPC55S0X Datasheet HTML 47Page - NXP Semiconductors LPC55S0X Datasheet HTML 48Page - NXP Semiconductors LPC55S0X Datasheet HTML 49Page - NXP Semiconductors LPC55S0X Datasheet HTML 50Page - NXP Semiconductors LPC55S0X Datasheet HTML 51Page - NXP Semiconductors LPC55S0X Datasheet HTML 52Page - NXP Semiconductors LPC55S0X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.3 — 3 February 2023
49 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
• All GPIO pins can be selected to create an edge or level-sensitive GPIO interrupt
request.
• Two GPIO group interrupts can be triggered by a combination of any pin or pins to
reflect two distinct interrupt patterns.
• The grouped interrupts can wake up the part from sleep, deep-sleep, and power-down
modes.
7.23 Pin interrupt/pattern engine
The pin interrupt block configures up to eight pins from all digital pins for providing eight
external interrupts connected to the NVIC. The pattern match engine can be used in
conjunction with software to create complex state machines based on pin inputs. Any
digital pin, independent of the function selected through the switch matrix can be
configured through the SYSCON block as an input to the pin interrupt or pattern match
engine. The registers that control the pin interrupt or pattern match engine are located on
the I/O+ bus for fast single-cycle access.
7.23.1 Features
• Pin interrupts:
– Up to eight pins can be selected from all GPIO pins on ports 0 and 1 as
edge-sensitive or level-sensitive interrupt requests. Each request creates a
separate interrupt in the NVIC.
– Edge-sensitive interrupt pins can interrupt on rising or falling edges or both.
– Level-sensitive interrupt pins can be HIGH-active or LOW-active.
– Level-sensitive interrupt pins can be HIGH-active or LOW-active.
– Pin interrupts can wake up the device from sleep mode, and deep-sleep mode.
• Pattern match engine:
– Up to eight pins can be selected from all digital pins on ports 0 and 1 to contribute
to a boolean expression. The boolean expression consists of specified levels
and/or transitions on various combinations of these pins.
– Each bit slice minterm (product term) comprising of the specified boolean
expression can generate its own, dedicated interrupt request.
– Any occurrence of a pattern match can also be programmed to generate an RXEV
notification to the CPU. The RXEV signal can be connected to a pin.
– Pattern match can be used in conjunction with software to create complex state
machines based on pin inputs.
– Pattern match engine facilities wake-up only from active and sleep modes.
7.24 Communication peripherals
7.24.1 Flexcomm Interface serial communication
Each Flexcomm Interface provides a choice of peripheral functions, one of which must be
chosen by the user before the function can be configured and used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com