Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 93Page - NXP Semiconductors LPC55S0X Datasheet HTML 94Page - NXP Semiconductors LPC55S0X Datasheet HTML 95Page - NXP Semiconductors LPC55S0X Datasheet HTML 96Page - NXP Semiconductors LPC55S0X Datasheet HTML 97Page - NXP Semiconductors LPC55S0X Datasheet HTML 98Page - NXP Semiconductors LPC55S0X Datasheet HTML 99Page - NXP Semiconductors LPC55S0X Datasheet HTML 100Page - NXP Semiconductors LPC55S0X Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.3 — 3 February 2023
97 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
13. Application information
13.1 Start-up behavior
Figure 21 shows the start-up timing after reset. The FRO oscillator provides the default
clock at Reset and provides a clean system clock shortly after the supply pins reach
operating voltage.
13.2 I/O power consumption
I/O pins are contributing to the overall dynamic and static power consumption of the part.
If pins are configured as digital inputs, a static current can flow depending on the voltage
level at the pin and the setting of the internal pull-up and pull-down resistors. This current
can be calculated using the parameters Rpu and Rpd given in Table 23 for a given input
voltage VI. For pins set to output, the current drive strength is given by parameters IOH and
IOL in Table 23, but for calculating the total static current, you also need to consider any
external loads connected to the pin.
I/O pins also contribute to the dynamic power consumption when the pins are switching
because the VDD supply provides the current to charge and discharge all internal and
external capacitive loads connected to the pin in addition to powering the I/O circuitry.
The contribution from the I/O switching current Isw can be calculated as follows for any
given switching frequency fsw if the external capacitive load (Cext) is known (see Table 23
for the internal I/O capacitance):
Isw = VDD x fsw x (Cio + Cext)
13.3 Crystal oscillator
The crystal oscillator has embedded capacitor bank where it can be used as an
Fig 21. Start-up timing
Table 43. Typical start-up timing parameters
Symbol
Parameter
Conditions
tb
Internal reset de-asserted
540 µs typical, 1 ms worst case
t
GND
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com