Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 72Page - NXP Semiconductors LPC55S0X Datasheet HTML 73Page - NXP Semiconductors LPC55S0X Datasheet HTML 74Page - NXP Semiconductors LPC55S0X Datasheet HTML 75Page - NXP Semiconductors LPC55S0X Datasheet HTML 76Page - NXP Semiconductors LPC55S0X Datasheet HTML 77Page - NXP Semiconductors LPC55S0X Datasheet HTML 78Page - NXP Semiconductors LPC55S0X Datasheet HTML 79Page - NXP Semiconductors LPC55S0X Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.3 — 3 February 2023
76 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
10.4 Pin characteristics
Table 23. Static characteristics: pin characteristics
Tamb = 40 C to +105 C, unless otherwise specified. 1.8 V  VDD  3.6 V unless otherwise specified. Values tested in
production unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1] Max
Unit
Standard I/O pins , RESET pin
Input characteristics
IIL
LOW-level input current
VI = 0 V; on-chip pull-up resistor
disabled
-
2
200
nA
IIH
HIGH-level input current VI = VDD; on-chip pull-down resistor
disabled
-
2
200
nA
VI
input voltage
pin configured to provide a digital
function;
VDD ≥ 1.8 V
[2]
0
-
3.6
V
VIH
HIGH-level input voltage
0.7 x VDD -
VDD
V
VIL
LOW-level input voltage
- 0.3
-
0.3 x VDD V
Vhys
hysteresis voltage
-
0.4
-
V
Output characteristics
VOH
HIGH-level output voltage IOH = 4 mA; 1.8 V  VDD < 2.7 V
VDD - 0.5
-
-
V
IOH = 4 mA; 2.7 V  VDD  3.6 V
VDD - 0.4
-
-
V
VOL
LOW-level output voltage IOL = 4 mA; 1.8 V  VDD < 2.7 V
-
-
0.4
V
IOL = 4 mA; 2.7 V  VDD 3.6 V
-
-
0.4
V
Weak input pull-up/pull-down characteristics
Rpd
pull-down resistance
VI = 0
40
50
62
kΩ
Rpu
pull-up resistance
VI = VDD
40
50
62
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com