Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 39Page - NXP Semiconductors LPC55S0X Datasheet HTML 40Page - NXP Semiconductors LPC55S0X Datasheet HTML 41Page - NXP Semiconductors LPC55S0X Datasheet HTML 42Page - NXP Semiconductors LPC55S0X Datasheet HTML 43Page - NXP Semiconductors LPC55S0X Datasheet HTML 44Page - NXP Semiconductors LPC55S0X Datasheet HTML 45Page - NXP Semiconductors LPC55S0X Datasheet HTML 46Page - NXP Semiconductors LPC55S0X Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 119 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 1.3 — 3 February 2023
43 of 124
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
7.19 RAM configuration
Table 9 describes the RAM configuration.
7.20 System control
7.20.1 Clock sources
The LPC55S0x/LPC550x supports 2 external and 3 internal clock sources:
• Internal Free Running Oscillator (FRO). This oscillator provides a selectable 96 MHz
output, and a 12 MHz output (divided down from the selected higher frequency) that
can be used as a system clock. The FRO is trimmed to +/- 1% accuracy over the
entire voltage and 0 C to 85 C. The FRO is trimmed to +/- 2% accuracy over the entire
voltage and -40 C to 105 C. The FRO 12 MHz oscillator provides the default clock at
reset and provides a clean system clock shortly after the supply pins reach operating
voltage.
• 32 kHz Internal Free Running Oscillator FRO. The FRO is trimmed to +/- 2% accuracy
over the entire voltage and temperature range.
• Internal low power oscillator (FRO 1 MHz). The FRO is trimmed to +/- 15% accuracy
over the entire voltage and temperature range.
• Crystal oscillator with an operating frequency of 16 MHz to 32 MHz. Option for
external clock input (bypass mode) for clock frequencies of up to 25 MHz
• Crystal oscillator with 32.768 kHz operating frequency.
• Each crystal oscillator has one embedded capacitor bank, where each can be used as
an integrated load capacitor for the crystal oscillators. Using APIs, the capacitor banks
on each crystal pin can tune the frequency for crystals with a Capacitive Load (CL)
leading to conserving board space and reducing costs. See: Section 13 “Application
information”.
7.20.2 PLL (PLL0 and PLL1)
PLL0 and PLL1 allows CPU operation up to the maximum CPU rate without the need for a
high-frequency external clock. PLL0 and PLL1 can run from the internal FRO 12 MHz
output, the external oscillator, internal FRO 1 MHz output, or the 32.768 kHz RTC
oscillator.
The system PLL accepts an input clock frequency in the range of 2 kHz - 150 MHz. The
input frequency is multiplied up to a high frequency with a Current Controlled Oscillator
(CCO). The PLL can be enabled or disabled by software.
7.20.3 Clock generation
The system control block facilitates the clock generation. Many clocking variations are
possible. Figure 6 gives an overview of potential clock options. Table 10 describes signals
on the clocking diagram. The maximum clock frequency is 96 MHz.
Table 9.
RAM Configuration
RAM Total
RAM-X (KB)
RAM0 (KB)
RAM1 (KB)
RAM2 (KB)
RAM 3 (KB)
96 KB devices
16
32
16
16
16
80 KB devices
16
32
16
16
-
48 KB devices
16
32
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com