Electronic Components Datasheet Search
  English  ▼

X  

LX1994 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1994
Description  High Efficiency LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1994 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1994 Datasheet HTML 1Page - Microsemi Corporation LX1994 Datasheet HTML 2Page - Microsemi Corporation LX1994 Datasheet HTML 3Page - Microsemi Corporation LX1994 Datasheet HTML 4Page - Microsemi Corporation LX1994 Datasheet HTML 5Page - Microsemi Corporation LX1994 Datasheet HTML 6Page - Microsemi Corporation LX1994 Datasheet HTML 7Page - Microsemi Corporation LX1994 Datasheet HTML 8Page - Microsemi Corporation LX1994 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LX1994
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
High Efficiency LED Driver
Copyright
© 2003
Rev. 1.0a, 2004-08-10
TM
®
ABSOLUTE MAXIMUM RATINGS
Supply Input Voltage (IN) ...................................................................-0.3V to 7V
All Input Pins ......................................................................................-0.3V to VIN
SRC Input Current ......................................................................................600mA
Operating Temperature Range .........................................................-40°C to 85°C
Maximum Operating Junction Temperature ................................................ 150°C
Storage Temperature Range...........................................................-65°C to 150°C
Lead Temperature (Soldering 10 seconds) .................................................. 235°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
DU Plastic MSOP 10-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
113
°C/W
LD Plastic MLP 10-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
49
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
56
10
VIN
S/P
GND
DRV
8
OVP
9
SRC
3
BRT
FB
7
CMP
4
LS
DU PACKAGE
(Top View)
1
2
3
4
56
7
8
9
10
VIN
S/P
BRT
LS
DRV
FB
OVP
SRC
GND
CMP
Connect Bottom to
Power GND
LD PACKAGE
(Top View)
FUNCTIONAL PIN DESCRIPTION
Name
Description
IN
Unregulated IC Supply Voltage Input – Input range from 2.0V to 5.5V. Bypass with a 1
µF or greater capacitor for
operation below 2.0V.
GND
Common terminal for ground reference.
BRT
LED Current Adjustment - Accepts a DC analog input.
FB
LED Current Sense – Connect to current sense resistor.
SRC
MOSFET Current Sense Input - Connects to the external N-Channel MOSFET source.
DRV
MOSFET Gate Driver – Connects to an external N-Channel MOSFET gate.
OVP
Over Voltage Programming Pin – Connects to a resistor divider between the output load and GND to set the
maximum output voltage.
LS
Light Sensor Input – Allows light sensor current input to be modulated by the PWM control causing LED
brightness to be a product of the PWM duty cycle and ambient light level.
CMP
Compensation Pin – Apply a 0.1µF capacitor for loop compensation.
S/P
Shutdown/PWM Pin – A logic low longer than 100
µs causes the IC to enter Shutdown mode. Applying a PWM
signal to this pin and a filter capacitor to the BRT pin allows amplitude independent PWM control.


Similar Part No. - LX1994

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CDU MICROSEMI-LX1994CDU Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CDU-TR MICROSEMI-LX1994CDU-TR Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CLD MICROSEMI-LX1994CLD Datasheet
256Kb / 13P
High Efficiency LED Driver
LX1994CLD-TR MICROSEMI-LX1994CLD-TR Datasheet
256Kb / 13P
High Efficiency LED Driver
More results

Similar Description - LX1994

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
Microsemi Corporation
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Microsemi Corporation
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
High Efficiency LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
High Efficiency LED Driver
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com