Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 120Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 121Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 122Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 123Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 124Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 125Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 126Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 127Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
124
January 26, 2016
Table 4.7
Register [0x4000_0008] SYS_MEMINFO
SYS_MEMINFO
ADD: 0x4000_0008
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
7 : 0
PROGSTART
R
R / W
0xFF
This register represents the first page where the program
section inside the FLASH starts. This value is read from
FLASH during the power-up phase and is updated by
some flash commands.
Note: To determine the correct FLASH address offset,
seven "0" must be appended.
15 : 8
LOGSTART
R
R / W
0xFF
This register represents the first page where the log
section inside the FLASH starts. This value is read from
the FLASH during the power-up phase and is updated by
some FLASH commands.
Note: To determine the correct FLASH address offset,
seven "0" must be appended.
26 : 16
RAMSPLIT
R
R / W
0x7FF
This register represents the first RAM word that is
accessible by JTAG although the memory is locked. This
value is read from FLASH during the power-up phase and
is updated by some FLASH commands.
Note: To determine the correct RAM address offset, two
"0" must be appended.
27
---
R
---
0
Unused; always read as 0.
31 : 28
PROTINFO
R
R / W
0xF
This register represents the memory protection scheme.
This value is read from FLASH during the power-up
phase and is updated by some FLASH commands.
[0]: key-based lock
[1]: permanent lock
[3:2]: number of failed unlock attempts
Table 4.8
Register [0x4000_000C] SYS_RSTSTAT
SYS_RSTSTAT
ADD: 0x4000_000C
Bit
NAME
Ext.
Access
Int.
Access
Reset
Value
Description
0
EXTRST
RC
---
1
This bit reflects if an external reset has occurred. It is cleared
when the register is read.
1
SYSRSTREQ
RC
W
0
This bit reflects if a reset forced by a system reset request
has occurred. It is cleared when the register is read.
2
LOCKUPRST
RC
W
0
This bit reflects if a reset was forced by a detected lockup
when this reset was enabled. It is cleared when the register is
read.
3
JTAGRST
RC
W
0
This bit reflects if a reset that was forced by a JTAG reset
request has occurred. It is cleared when the register is read.
6 : 4
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com