Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 121Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 122Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 123Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 124Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 125Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 126Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 127Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 128Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
125
January 26, 2016
SYS_RSTSTAT
ADD: 0x4000_000C
Bit
NAME
Ext.
Access
Int.
Access
Reset
Value
Description
7
ENLOCKUP
R
R
0
This bit reflects whether a lockup from the ARM® core is
allowed to reset the system (set to 1) or not (set to 0).
7 : 0
SETENLOCKUP
W
---
0
To enable the lockup reset, 0xC9 must be written to bits 7:0.
It can be disabled by writing another value. This bit is reset by
all four reset sources (extRst, sysRstReq, lockupRst,
jtagRst).
15:8
---
R
---
0
Unused; always read as 0.
23 : 16
JTAGRSTREQ
W
R
0
To generate a reset via the JTAG interface, 0x3A must be
written to bits 23:16. These bits cannot be written by the
ARM® core.
31 : 24
---
R
---
0
Unused; always read as 0.
4.10.2.
GPIO Registers
The GPIO registers are mapped into the system address space between 0x4000_1400 and 0x4000_17FF.
Unused addresses must not be accessed.
Table 4.9
Register [0x4000_1400] GPIO_DIR
GPIO_DIR
ADD: 0x4000_1400
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
7 : 0
GPIODIR
R / W
R
0
1: GPIO pin is switched as output direction.
0: GPIO pin is switched as input direction.
15 : 8
---
N/A
N/A
0
Reserved.
31 : 16
---
R
---
0
Unused; always read as 0.
Table 4.10 Register [0x4000_1404] GPIO_IN
GPIO_IN
ADD:0x4000_1404
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
7 : 0
GPIOIN
R
R / W
0
Synchronized input value.
15 : 8
---
N/A
N/A
0
Reserved.
31 : 8
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com