Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 124Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 125Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 126Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 127Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 128Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 129Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 130Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 131Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
128
January 26, 2016
4.10.3.
32 Bit Timer Registers
The 32-bit timer registers are mapped into the system address space between 0x4000_1000 and 0x4000_13FF.
Unused addresses must not be accessed.
Table 4.17 Register [0x4000_1000] T32_CTRL
T32_CTRL
ADD:0x4000_1000
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
0
EN
R / W
R / W
0
Enable bit for timer. This bit is cleared by hardware if an over-
flow occurs and the module is operating in single shot mode.
1
MODETC
R / W
R
0
Select between timer and counter mode:
0: timer mode
1: counter mode
2
MODESR
R / W
R
0
Select between reload and single shot mode:
0: reload mode; at overflow, reload value is copied into
counter register and counter continues
1: single shot mode; at overflow, reload value is copied into
counter register and counter stops
3
MODELE
R / W
R
0
Select between level or edge sensitive trigger;
counter mode only:
0: trigger is used as level sensitive
1: trigger is used as edge sensitive
4
MODEPN
R / W
R
0
Selects between rising or falling edge active trigger
(MODELE = 1) or high or low level (MODELE = 0);
counter mode only
0: Trigger on falling edge/low level
1: Trigger on rising edge/high level
5
OVERFLOW
R
R / W
0
Overflow flag (strobe); set for a single cycle when counter
overflows. This bit also drives the interrupt line.
31 : 6
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com