| Electronic Components Datasheet Search |
|
ZAMC4100 Datasheet(PDF) 142 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100 Datasheet(HTML) 142 Page - Renesas Technology Corp |
|
142 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 142 January 26, 2016 5.2. MCU Activated Diagnostic Functions All hardware resources needed for these diagnostics are available in the SBC, but the procedures must be executed by the MCU. 5.2.1. Open-Load Detection Event There is an open in one or more drivers’ outputs. Detection A current source is connected to the output and the voltage drop over the load is observed. If the load is open, the voltage drop is zero. More information for this procedure is given in sections 3.8.3, 3.9.3, and 3.11.3. Also see Table 1.8 and Table 1.9 for electrical specifications. Capturing The event is captured as diagnostic status flag in SBC chip and can be read via the SPI. Reaction Should be implemented in MCU software depending on the application requirements. 5.2.2. Short to Vbat or GND Detection Event The driver output is shorted to Vbat or GND. Detection Two current sources (sink and source) are connected to the output and the voltage drop over them is observed. If an event occurs, the potential will not be changed (zero in the event of a short to GND or Vbat in the event of a short to Vbat). More information for this procedure is given in sections 3.8.3, 3.9.3, and 3.11.3. See Table 1.8 and Table 1.9 for electrical specifications. Capturing The event is captured as a diagnostic status flag in the SBC and can be read via the SPI. Reaction A response should be implemented in MCU software depending on the application requirements. Note: The short to Vbat or GND diagnostic is possible only for the half-bridge drivers. For high-side drivers, only short to VBAT can be detected independently. Short to GND will cause an over-current event. 5.2.3. Floating Analog Input Detection Event One of the analog inputs (AINx pins) is floating or shorted. Detection Current sink and source are connected to the pin and the voltage drop over them is monitored. More information is given in section 3.12.10. See Table 1.13 for electrical specifications. Capturing The event is captured as a diagnostic status flag in the SBC and can be read via the SPI. Reaction A response should be implemented in the MCU software depending on application requirements. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |