Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 136Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 138Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 139Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 140Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 141Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 142Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 143Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
140
January 26, 2016
5
ZAMC4100 Protection and Diagnostic Features
This section is a summary description of all protection and diagnostic features available in the ZAMC4100. The
description is structured similarly to the way the diagnostics are handled:
event à detection à capturing à reaction
5.1.
Full-Time Diagnostic and Protection Features
It includes features that might always be present whenever the system is powered and do not interrupt or
influence the normal operation. They are executed in the background automatically and interrupt the normal
operation only if a specific event occurs. Some of these features might be masked by the software and MCU;
others cannot be masked (mainly protection functions).
5.1.1.
Over-Current (OC) Protection
Event
The current through one of the output driver transistors is above the maximum specified value for
the corresponding output.
Detection
Continuous comparison with a fixed reference level with pure analog circuitry; possible measuring
with the ADC in parallel; invoked by the software.
Capturing
Captured in the digital SBC.
Reaction
Response in both digital and analog domains:
1) The driver of this transistor automatically limits the current in order to avoid silicon damage.
Important: This reaction is implemented as analog circuitry, and it cannot be masked.
2) An over-current interrupt flag is set in the digital SBC, and the drivers are automatically
disabled.
5.1.2.
Over-Load (OVL) Detection using the ADC
Event
The current through one of the output driver transistors is above a certain limit (OVL level) that is
considered as a maximum current allowed for the driven load. The OVL level is always below the
OC level.
Detection
Initiated by the MCU firmware. The measured current by the ADC is compared with the OVL level
in the MCU or with the ADC comparator.
Capturing
The event is captured in the MCU.
Reaction
A response should be implemented in the MCU software depending on the application
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com