Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 134Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 135Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 136Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 138Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 139Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 140Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 141Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
138
January 26, 2016
FC_IRQ_EN
ADD:0x4000_0810
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
drive the interrupt line.
6
ENIRQ6
R / W
R
0
When set to 1, the status signal DATA2ERR is allowed to
drive the interrupt line.
7
ENIRQ7
R / W
R
0
When set to 1, the status signal PROG1ERR in the
FC_STAT_PROG register (Table 4.37) is allowed to drive the
interrupt line.
31 : 8
---
R
---
0
Unused; always read as 0.
Table 4.36 Register [0x4000_0814] FC_STAT_CORE
FC_STAT_CORE
ADD:0x4000_0814
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
1)
0
CMDRDY
RC
R / W
0
This bit is set when a command execution has finished; it is
cleared when this register is read.
1
INVALIDCMD
RC
R / W
0
This bit is set when an invalid command was executed; it is
cleared when this register is read.
2
INVALIDAREA
RC
R / W
0
This bit is set when a command is executed targeting a
protected area; e.g., performing ERASE_MAINPAGE_CMD
to program space when flash is locked; it is cleared when this
register is read.
3
UNLOCKFAIL
RC
R / W
0
This bit is set when the UNLOCK_CMD fails; it is cleared
when this register is read.
4
COREACTIVE
R
R / W
0
This bit reflects the status of the core state machine; when
set core is active.
5
ALLOWKEY
R
R / W
0
When this bit is set but FLASH is locked, the
ERASE_KEY_CMD is allowed to be performed.
6
ALLOWBOOT
R
R / W
0
When this bit is set but FLASH is locked, the WRITE_CMD is
allowed to be performed on the boot space.
7
ALLOWPROG
R
R / W
0
When set but FLASH is locked, the WRITE_CMD is allowed
to be performed on the program space.
8
CLRALLOW
W1C
R
0
Writing 1 to this bit clears ALLOWKEY, ALLOWBOOT, and
ALLOWPROG flags.
31 : 9
---
R
---
0
Unused; always read as 0.
1)
For related FLASH controller command codes, see Table 4.34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com