Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 132Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 133Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 134Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 135Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 136Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 138Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 139Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
136
January 26, 2016
4.10.6.
FLASH Memory Registers
The registers of the FLASH controller are mapped into the system address space between 0x4000_0800 and
0x4000_0BFF. Unused addresses must not be accessed. Read accesses to registers are always performed even
if a command is executed or a direct WRITE is active. Write accesses to the registers are postponed until the
active command/direct-write access has finished.
Table 4.31 Register [0x4000_0800] FC_RAM_ADDR
FC_RAM_ADDR
ADD:0x4000_0800
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
10 : 0
ADDRRAM
R / W
R / W
0
RAM word address where data to be written into flash is
located (first address); hardware increments this address
when more than one word has to be written.
Note: The last two address digits of the RAM are not included
as they are always 0. For programming, the RAM address
needs to be shifted right by two bits.
31 : 11
---
R
---
0
Unused; always read as 0.
Table 4.32 Register [0x4000_0804] FC_FLASH_ADDR
FC_FLASH_ADDR
ADD:0x4000_0804
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
14 : 0
FLASHADD
R
R / W
R
0
FLASH word address (first address) where data is to be
written; also used as the pointer to a page to be erased.
Note: the last two address digits of the FLASH are not
included as they are always 0. For programming, the FLASH
address needs to be shifted right by nine bits.
31 : 15
---
R
---
0
Unused; always read as 0.
Table 4.33
Register [0x4000_080C] FC_EXE_CMD
FC_EXE_CMD
ADD:0x4000_080C
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
0
EXECMD
R / W
R
0
Writing 1 to this bit starts the execution of the configured
command; always read as 0.
31 : 1
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com