Electronic Components Datasheet Search
  English  ▼

X  

ZAMC4100 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 133Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 134Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 135Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 136Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 138Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 139Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 140Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
137
January 26, 2016
Table 4.34 Register [0x4000_0808] FC_CMD_SIZE
FC_CMD_SIZE
ADD:0x4000_0808
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
3 : 0
COMMAND
R / W
R
0
Command to be executed by flash controller
Valid commands:
0HEX: ERASE_MAIN_CMD
2HEX: ERASE_BOOT_PROG_CMD
3HEX: ERASE_PROG_CMD
4HEX: ERASE_MAINPAGE_CMD
6HEX: ERASE_KEY_CMD
8HEX: UNLOCK_CMD
9HEX: GETENV_CMD
AHEX: WRITE_CMD
CHEX: SET_KEY_CMD
DHEX: SET_BOUNDARY_CMD
EHEX: LOCK_PERM_CMD
FHEX: LOCK_KEY_CMD
7:4
---
R
---
0
Unused; always read as 0.
12:8
WRSIZE
R / W
R
0
Number of words to be written to FLASH; 0 is interpreted as 32.
Note: Writing is always performed within a row. 1 row contains
32 words. While the RAM address is always incremented, the
FLASH address wraps at the row boundary to the beginning of
the row. It is in the responsibility of the user to ensure this.
31 : 13
---
R
---
0
Unused; always read as 0.
Table 4.35 Register [0x4000_0810] FC_IRQ_EN
FC_IRQ_EN
ADD:0x4000_0810
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
0
ENIRQ0
R / W
R
0
When set to 1, the status signal CMDRDY in the
FC_STAT_CORE register is allowed to drive the interrupt
line. See Table 4.36 for the related status signals for bits [3:0]
this register.
1
ENIRQ1
R / W
R
0
When set to 1, the status signal INVALIDCMD is allowed to
drive the interrupt line.
2
ENIRQ2
R / W
R
0
When set to 1, the status signal INVALIDAREA is allowed to
drive the interrupt line.
3
ENIRQ3
R / W
R
0
When set to 1, the status signal UNLOCKFAIL is allowed to
drive the interrupt line.
4
ENIRQ4
R / W
R
0
When set to 1, the status signal DATAALL1 in the
FC_STAT_DATA register is allowed to drive the interrupt line.
See Table 4.38 for the related status signals for bits [6:4] this
register.
5
ENIRQ5
R / W
R
0
When set to 1, the status signal DATA1ERR is allowed to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com