Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4521 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZSPM4521 Datasheet HTML 4Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 5Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 6Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 7Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 8Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 9Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 10Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 11Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 27, 2016
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Charging Regulator with LOUT=4.7µH and COUT=4.7µF
Output Current Limit
Tolerance in Full-Charge
Mode
IBAT-FC
IBAT is user programmable;
see Table 2.5.
IBAT -
10%
IBAT
IBAT +
10%
A
Termination Voltage
Tolerance in Top-Off Mode
VBAT-TO
ICHG = 0.1C, 0°C < Tj < 85°C
VBAT is user programmable;
see section 2.4.
VBAT -
1%
VBAT
VBAT +
1%
V
Top-Off Mode Time Out
tTO
0
120
Minutes
Full-Charge Timer
tFC
200
1400
Minutes
Timer Accuracy
tACC
-10%
+10%
High Side (HS) Switch On
Resistance
RDSON
ISW = -1A, TJ=25°C
200
mΩ
Low Side (LS) Switch On
Resistance
ISW = 1A, TJ=25°C
250
mΩ
Maximum Output Current
IBAT
1.5
A
Over-Current Detection
IOCD
HS switch current
2.5
A
VBAT Over-Voltage Threshold
VBAT-OV
101%
VBAT
102%
VBAT
103%
VBAT
V
Maximum Duty Cycle
DUTYMAX
98
%
Thermistor
VTH_REF Output Voltage
VVTH_REF
IVT_REF = 2µA to 100µA
1.8
V
Thermistor: 10k
Ω Temperature Thresholds – β=3434K
0°C VTHERM Threshold
(0°C)
0°C
Decreasing Temperature
75.6
%VTH_REF
0°C VTHERM Threshold with
Hysteresis (10°C)
0°CHYST
Increasing Temperature
66.5
%VTH_REF
10°C VTHERM Threshold
(10°C)
10°C
Decreasing Temperature
66.2
%VTH_REF
10°C VTHERM Threshold
with Hysteresis (11°C)
10°CHYST
Increasing Temperature
65.4
%VTH_REF
45°C VTHERM Threshold
(45°C)
45°C
Increasing Temperature
34.5
%VTH_REF
45°C VTHERM Threshold
with Hysteresis (44°C)
45°CHYST
Decreasing Temperature
35.3
%VTH_REF
50°C VTHERM Threshold
(50°C)
50°C
Increasing Temperature
30.8
%VTH_REF
50°C VTHERM Threshold
with Hysteresis (49°C)
50°CHYST
Decreasing Temperature
31.5
%VTH_REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com