Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4521 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSPM4521 Datasheet HTML 1Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 2Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 3Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 4Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 5Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 6Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 7Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 8Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
High-Efficiency Charger for Li-Ion
Batteries with Photovoltaic Sources
ZSPM4521
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 27, 2016
COUT
LOUT
RSENSE
RREF
Photovoltaic Cells
Battery
RTHM
RPULLUP
(optional)
VDD
RPULLUP
(optional)
VDD
CIN
CVDD
GND
EN
VTHERM
SW
NFLT
VBAT
SCL
PGND
VIN
SDA
VTH_REF
VSENSE
VDD
ZSPM4521
Brief Description
The ZSPM4521 is a DC/DC synchronous switching
lithium-ion (Li-Ion) battery charger with fully inte-
grated power switches, internal compensation, and
full fault protection. It uses a temperature-indepen-
dent photovoltaic maximum power point tracking
(MPPT) function to optimize power output from the
source during Full-Charge Constant-Current (CC)
Mode. Its switching frequency of 1MHz enables the
use of small filter components, resulting in smaller
board space and reduced bill-of material costs.
During Full-Charge Constant-Current Mode, the duty
cycle is controlled by the MPPT regulator. Once the
battery’s termination voltage is reached, the regula-
tor operates in Constant Voltage Mode. In this mode,
the ZSPM4521 modulates the charging current until
the battery reaches full charge. When the regulator
is disabled (the EN pin is low), the device draws
10µA (typical) quiescent current (Disabled Mode).
The
ZSPM4521
includes
supervisory
reporting
through the NFLT (inverted fault) open-drain output
to interface other components in the system. Device
programming is achieved by an I²C™* interface
through the SCL and SDA pins.
Benefits
•
Up to 1.5A of continuous output current in Full-
Charge Constant Current (CC) Mode
•
High efficiency – up to 92% with typical loads
Available Support
•
Evaluation Kit
•
Documentation
* I
2C™ is a trademark of NXP.
Features
•
Temperature-independent photovoltaic maximum
power tracking (MPPT) regulator
•
VBAT reverse-current blocking
•
Programmable temperature-compensated
termination voltage: 3.94V to 4.18V ± 1%
•
User programmable maximum charge current:
50mA to 1500mA
•
Supervisor for VBAT reported at the NFLT pin
•
Input supply under-voltage lockout
•
Full protection for VBAT over-current, over-
temperature, VBAT over-voltage, and charging
timeout
•
Charge status indication
•
I
2C™ program interface with EEPROM registers
Related IDT Smart Power Products
•
ZSPM4523 DC/DC Synchronous Switching
Super Capacitor Charger With MPPT Regulator
•
ZSPM4551 High-Efficiency Li-Ion Battery Charger
•
ZSPM4121 Ultra-low Power Under-Voltage Switch
•
ZSPM4141 Ultra-Low-Power Linear Regulator
Physical Characteristics
•
Wide input voltage range: 4.0V to 7.2V
•
Junction operating temperature: -40°C to 125°C
•
Package: 16-pin PQFN (4mm x 4mm)
ZSPM4521 Application Circuit


Similar Part No. - ZSPM4521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4521AA1R ETC2-ZSPM4521AA1R Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Integrated Device Techn...
ZSPM4521AA1R IDT-ZSPM4521AA1R Datasheet
470Kb / 30P
High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4521AA1W ETC2-ZSPM4521AA1W Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
More results

Similar Description - ZSPM4521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
List of Unclassifed Man...
TS52001 ETC2-TS52001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
High Efficiency NiMH Battery Charger for Photovoltaic Sources
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
High Efficiency SuperCap Charger for Photovoltaic Sources
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
High-Efficiency Charger for Li-Ion Batteries
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
High-Efficiency Charger for Li-Ion Batteries
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com