Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4521 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZSPM4521 Datasheet HTML 18Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 19Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 20Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 21Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 22Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 23Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 24Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 25Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
22
January 27, 2016
3
Application Circuits
3.1.
Typical Application Circuit
Figure 3.1
Typical Application Circuit for Charging a Lithium-Ion Battery via Photovoltaic Cells
COUT
LOUT
RSENSE
RREF
Photovoltaic Cells
Battery
RTHM
RPULLUP
(optional)
VDD
RPULLUP
(optional)
VDD
CIN
CVDD
GND
EN
VTHERM
SW
NFLT
VBAT
SCL
PGND
VIN
SDA
VTH_REF
VSENSE
VDD
ZSPM4521
3.2.
Selection of External Components
Note that the internal compensation is optimized for a 4.7µF output capacitor (COUT) and a 4.7µH output inductor
(LOUT). Table 1.3 provides recommended ranges for most of the following components.
3.2.1.
COUT Output Capacitor
To keep the output ripple low, a low ESR (less than 35m
Ω) ceramic capacitor is recommended for the 4.7µF
output filter capacitor. The ESR should not exceed 100m
Ω.
3.2.2.
LOUT Output Inductor
For best performance, an inductor with a saturation current rating higher than the maximum VOUT load requirement
plus the inductor current ripple should be used for the 4.7µH output filter inductor.
3.2.3.
CIN Bypass Capacitor for Input from Photovoltaic Source
For best performance, a low ESR ceramic capacitor should be used for the 10µF input supply bypass capacitor. If
it is not a low ESR ceramic capacitor, a 0.1µF ceramic capacitor should be added in parallel to CIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com