Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4521 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZSPM4521 Datasheet HTML 14Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 15Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 16Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 17Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 18Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 19Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 20Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 21Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
18
January 27, 2016
Table 2.3
Configuration Register CONFIG1—Address 02HEX
Note: All of the CONFIG1 register bits are READ/WRITE.
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
PRE_CHRG[1:0]
V_TERM_0_10[2:0]
V_TERM_10_45[2:0]
FIELD NAME
BIT DEFINITION
PRE_CHRG[1:0]
1)
Pre-charging configuration
00BIN – 50mA
01BIN – 100mA
10BIN – 185mA
11BIN – 370mA
V_TERM_0_10[2:0]
2)
Voltage termination:
0-10°C configuration
000BIN – 3.94V
001BIN – 4.00V
010BIN – 4.05V
011BIN – 4.10V
100BIN – 4.12V
101BIN – 4.15V
110BIN – 4.18V
111BIN – Invalid setting
V_TERM_10_45[2:0]
2)
Voltage termination:
10-45°C configuration
1)
PRE_CHRG Note: Maximum output current when VBAT < 3.0V.
2)
V_TERM Note: There are separate settings for battery temperatures 0-10°C, 10-45°C, 45-50°C , and 50-60°C (see Table 2.4 for
45-50°C and 50-60°C). For <0°C and >60°C, charging is disabled and a fault is set.
Table 2.4
Configuration Register CONFIG2—Address 03HEX
Note: All of the CONFIG2 register bits are READ/WRITE.
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
EOC[1:0]
V_TERM_45_50[2:0]
V_TERM_50_60[2:0]
FIELD NAME
BIT DEFINITION
EOC[1:0]
1)
End of charge configuration
00BIN – 50mA
01BIN – 100mA
10BIN – 185mA
11BIN – 370mA
V_TERM_45_50[2:0]
2)
Voltage termination:
45-50°C configuration
000BIN – 3.94V
001BIN – 4.00V
010BIN – 4.05V
011BIN – 4.10V
100BIN – 4.12V
101BIN – 4.15V
110BIN – 4.18V
111BIN – Invalid setting
V_TERM_50_60[2:0]
2)
Voltage termination:
50-60°C configuration
1)
EOC Note: Maximum output current when VBAT ≥ 3.0V.
2)
V_TERM Note: There are separate settings for battery temperatures 0-10°C, 10-45°C, 45-50°C , and 50-60°C
(see Table 2.3 for 0-10°C and 10-45°C). For <0°C and >60°C, charging is disabled and a fault is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com