Electronic Components Datasheet Search
  English  ▼

X  

ZSPM4521 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4521 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZSPM4521 Datasheet HTML 16Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 17Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 18Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 19Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 20Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 21Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 22Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 23Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
20
January 27, 2016
Table 2.7
Configuration Register CONFIG5—Address 06HEX
Note: All of the CONFIG5 register bits are READ/WRITE.
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
TOP_END
TH
TOP_TO[2:0]
1C_TO[2:0]
FIELD NAME
BIT DEFINITION
TOP_END
1)
Top-off end configuration
0BIN – 25mA
1BIN – 92mA
TH
2)
Thermistor configuration
0BIN – 10k
Ω
1BIN – 100k
Ω
TOP_TO[2:0]
3)
Top off timer time out configuration
000BIN – 0 minutes
001BIN – 20 minutes
010BIN – 40 minutes
011BIN – 60 minutes
100BIN – 80 minutes
101BIN – 100 minutes
110BIN – 120 minutes
111BIN – Disable time out timer
1C_TO[2:0]
4)
Full charge timer time out configuration
000BIN – Disable full charge timer
001BIN – 200 minutes
010BIN – 400 minutes
011BIN – 600 minutes
100BIN – 800 minutes
101BIN – 1000 minutes
110BIN – 1200 minutes
111BIN – 1400 minutes
1)
TOP_END Note: Charging stops when VVBAT = VTERMINATION and IOUT < TOP_END
2)
TH Note: Setting for nominal thermistor and reference resistor value.
3)
TOP_TO Note: Timer starts when VVBAT = VTERMINATION and IOUT < EOC.
4)
1C_TO Note: Timer starts when VVBAT > 3.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com